Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61QDB44M18-300M3 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS61QDB44M18-300M3
Description  72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 4) Synchronous SRAMs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61QDB44M18-300M3 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS61QDB44M18-300M3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61QDB44M18-300M3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61QDB44M18-300M3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61QDB44M18-300M3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61QDB44M18-300M3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61QDB44M18-300M3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61QDB44M18-300M3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61QDB44M18-300M3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61QDB44M18-300M3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Integrated Silicon Solution, Inc.
5
Rev. B
11/10/09
72 Mb (2M x 36 & 4M x 18)
QUAD (Burst of 4) Synchronous SRAMs
The data-in provided for writing is initially kept in write buffers. The information in these buffers is written into
the array on the third write cycle. A read cycle to the last two write addresses produces data from the write
buffers. The SRAM maintains data coherency.
During a write, the byte writes independently control which byte of any of the four burst addresses is written
(see X18/X36 Write Truth Tables on page
10 and Timing Reference Diagram for Truth Table on page 8).
Whenever a write is disabled (W is high at the rising edge of K), data is not written into the memory.
RQ Programmable Impedance
An external resistor, RQ, must be connected between the ZQ pin on the SRAM and VSS to enable the SRAM
to adjust its output driver impedance. The value of RQ must be 5x the value of the intended line impedance
driven by the SRAM. For example, an RQ of 250
Ω results in a driver impedance of 50Ω. The allowable range
of RQ to guarantee impedance matching is between 175
Ω and 350Ω, with the tolerance described in
Programmable Impedance Output Driver DC Electrical Characteristics on page 16. The RQ resistor should
be placed less than two inches away from the ZQ ball on the SRAM module. The capacitance of the loaded
ZQ trace must be less than 3 pF.
The ZQ pin can also be directly connected to VDDQ to obtain a minimum impedance setting. ZQ must never
be connected to VSS.
Programmable Impedance and Power-Up Requirements
Periodic readjustment of the output driver impedance is necessary as the impedance is greatly affected by
drifts in supply voltage and temperature. At power-up, the driver impedance is in the middle of allowable
impedances values. The final impedance value is achieved within 1024 clock cycles.
Single Clock Mode
This device can be also operated in single-clock mode. In this case, C and C are both connected high at
power-up and must never change. Under this condition, K and K will control the output timings.
Either clock pair must have both polarities switching and must never connect to VREF, as they are not differ-
ential clocks
Depth Expansion
Separate input and output ports enable easy depth expansion, as each port can be selected and deselected
independently. Read and write operations can occur simultaneously without affecting each other. Also, all
pending read and write transactions are always completed prior to deselecting the corresponding port.
In the following application example, the second pair of C and C clocks is delayed such that the return data
meets the data setup and hold times at the
memory controller.


Similar Part No. - IS61QDB44M18-300M3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDB44M18A ISSI-IS61QDB44M18A Datasheet
803Kb / 30P
   2Mx36 and 4Mx18 configuration available
More results

Similar Description - IS61QDB44M18-300M3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDB22M36 ISSI-IS61QDB22M36 Datasheet
639Kb / 27P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61QDPB42M36 ISSI-IS61QDPB42M36 Datasheet
702Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUADP (Burst of 4) Synchronous SRAMs
IS61DDB42M36 ISSI-IS61DDB42M36 Datasheet
669Kb / 26P
   72 Mb (2M x 36 & 4M x 18) DDR-II (Burst of 4) CIO Synchronous SRAMs
IS61QDB41M36 ISSI-IS61QDB41M36 Datasheet
451Kb / 28P
   36 Mb (1M x 36 & 2M x 18) QUAD (Burst of 4) Synchronous SRAMs
IS61DDPB22M36 ISSI-IS61DDPB22M36 Datasheet
636Kb / 24P
   72 Mb (2M x 36 & 4M x 18) DDR-IIP (Burst of 2) CIO Synchronous SRAMs
IS61DDB22M36 ISSI-IS61DDB22M36 Datasheet
624Kb / 25P
   72 Mb (2M x 36 & 4M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
IS61QDB22M18 ISSI-IS61QDB22M18 Datasheet
503Kb / 27P
   36 Mb (1M x 36 & 2M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61DDB42M18 ISSI-IS61DDB42M18 Datasheet
515Kb / 26P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 4) CIO Synchronous SRAMs
IS61DDB22M18 ISSI-IS61DDB22M18 Datasheet
550Kb / 25P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
logo
GSI Technology
GS8640V18T GSI-GS8640V18T Datasheet
594Kb / 23P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com