Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61NLP12832B-200B3I Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS61NLP12832B-200B3I
Description  128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NLP12832B-200B3I Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS61NLP12832B-200B3I Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NLP12832B-200B3I Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NLP12832B-200B3I Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NLP12832B-200B3I Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61NLP12832B-200B3I Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61NLP12832B-200B3I Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61NLP12832B-200B3I Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61NLP12832B-200B3I Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61NLP12832B-200B3I Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com
Rev. D
09/10/07
IS61NLP12832B
IS61NLP12836B/IS61NVP12836B
IS61NLP25618A/IS61NVP25618A
SYNCHRONOUS TRUTH TABLE(1)
Address
Operation
Used
CE
CE2
CE
2
ADV
WE
BW
x
OE
CKE
CLK
NotSelected
N/A
H
X
X
L
X
X
X
L
NotSelected
N/A
X
L
X
L
X
X
X
L
NotSelected
N/A
X
X
H
L
X
X
X
L
NotSelectedContinue
N/A
X
X
X
H
X
X
X
L
BeginBurstRead
ExternalAddress
L
H
L
L
H
X
L
L
ContinueBurstRead
NextAddress
X
X
X
H
X
X
L
L
NOP/DummyRead
ExternalAddress
L
H
L
L
H
X
H
L
DummyRead
NextAddress
X
X
X
H
X
X
H
L
BeginBurstWrite
ExternalAddress
L
H
L
L
L
L
X
L
ContinueBurstWrite
NextAddress
X
X
X
H
X
L
X
L
NOP/WriteAbort
N/A
L
H
L
L
L
H
X
L
WriteAbort
NextAddress
X
X
X
H
X
H
X
L
IgnoreClock
CurrentAddress
X
X
X
X
X
X
X
H
Notes:
1. "X"meansdon'tcare.
2. Therisingedgeofclockissymbolizedby↑
3. Acontinuedeselectcyclecanonlybeenteredifadeselectcycleisexecutedfirst.
4. WE=LmeansWriteoperationinWriteTruthTable.
WE
=HmeansReadoperationinWriteTruthTable.
5. Operationfinallydependsonstatusofasynchronouspins(ZZandOE).
BURST
READ
DESELECT
BURST
WRITE
BEGIN
READ
BEGIN
WRITE
READ
WRITE
READ
WRITE
BURST
BURST
BURST
DS
DS
DS
READ
DS
DS
READ
WRITE
WRITE
BURST
BURST
WRITE
READ
STATE DIAGRAM


Similar Part No. - IS61NLP12832B-200B3I

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP12832 ISSI-IS61NLP12832 Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-133B ISSI-IS61NLP12832-133B Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-133TQ ISSI-IS61NLP12832-133TQ Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-5B ISSI-IS61NLP12832-5B Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-5TQ ISSI-IS61NLP12832-5TQ Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
More results

Similar Description - IS61NLP12832B-200B3I

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
logo
GSI Technology
GS840E18T GSI-GS840E18T Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840H18AT GSI-GS840H18AT Datasheet
747Kb / 30P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AT GSI-GS840FH18AT Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018T GSI-GS84018T Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AT GSI-GS840E18AT Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840F18AT GSI-GS840F18AT Datasheet
554Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018 GSI-GS84018 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
logo
Integrated Silicon Solu...
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com