Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61NLP204818A Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS61NLP204818A
Description  1Mb x 36 and 2Mb x 18 STATE BUS SRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NLP204818A Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS61NLP204818A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61NLP204818A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61NLP204818A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61NLP204818A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NLP204818A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NLP204818A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NLP204818A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61NLP204818A Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61NLP204818A Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
7
Rev. A
09/13/07
IS61NLP102436A/IS61NVP102436A
IS61NLP204818A/IS61NVP204818A
ASYNCHRONOUS TRUTH TABLE(1)
Operation
ZZ
OE
OE
OE
OE
OE
I/O STATUS
Sleep Mode
H
X
High-Z
Read
LL
DQ
L
H
High-Z
Write
L
X
Din, High-Z
Deselected
L
X
High-Z
Notes:
1. X means "Don't Care".
2. For write cycles following read cycles, the output buffers must be disabled with
OE, otherwise data bus
contention will occur.
3. Sleep Mode means power Sleep Mode where stand-by current does not depend on cycle time.
4. Deselected means power Sleep Mode where stand-by current depends on cycle time.
WRITE TRUTH TABLE (x18)
Operation
WE
WE
WE
WE
WE
BW
BW
BW
BW
BWa
BW
BW
BW
BW
BWb
READ
H
X
X
WRITE BYTE a
L
L
H
WRITE BYTE b
L
H
L
WRITE ALL BYTEs
L
L
L
WRITE ABORT/NOP
L
H
H
Notes:
1. X means "Don't Care".
2. All inputs in this table must beet setup and hold time around the rising edge of CLK.
WRITE TRUTH TABLE (x36)
Operation
WE
WE
WE
WE
WE
BW
BW
BW
BW
BWa
BW
BW
BW
BW
BWb
BW
BW
BW
BW
BWc
BW
BW
BW
BW
BWd
READ
H
X
X
X
X
WRITE BYTE a
L
L
H
H
H
WRITE BYTE b
L
H
L
H
H
WRITE BYTE c
L
H
H
L
H
WRITE BYTE d
L
H
H
H
L
WRITE ALL BYTEs
L
L
L
L
L
WRITE ABORT/NOP
L
H
H
H
H
Notes:
1. X means "Don't Care".
2. All inputs in this table must beet setup and hold time around the rising edge of CLK.
INTERLEAVED BURST ADDRESS TABLE (MODE = VDD or NC)
External Address
1st Burst Address
2nd Burst Address
3rd Burst Address
A1 A0
A1 A0
A1 A0
A1 A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00


Similar Part No. - IS61NLP204818A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP204836B ISSI-IS61NLP204836B Datasheet
1Mb / 39P
   100 percent bus utilization
More results

Similar Description - IS61NLP204818A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
logo
GSI Technology
GS8673EQ18BGK-625IS GSI-GS8673EQ18BGK-625IS Datasheet
368Kb / 25P
   2Mb x 36 and 4Mb x 18 organizations available
logo
Integrated Silicon Solu...
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61VPS102436A ISSI-IS61VPS102436A Datasheet
281Kb / 21P
   1Mb x 36, 2Mb x 18 36Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Micron Technology
MT58L128L18F MICRON-MT58L128L18F Datasheet
481Kb / 24P
   2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Integrated Silicon Solu...
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
   256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com