Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLRA-5W-10MFB Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # OLRA-5W-10MFB
Description  Custom Made Metal Plate Current Sense Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

OLRA-5W-10MFB Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  OLRA-5W-10MFB Datasheet HTML 1Page - American Accurate Components, Inc. OLRA-5W-10MFB Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
American Accurate Components, Inc.
OPEN AIR SENSE RESISTORS
The content of this specification may change without notification 7/24/07
188 Technology Drive, Unit H Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
2
PERFORMANCE CHARACTERISTICS
Item
Parameter
TCR (+125°C ~ -55°C)
± 10ppm
Thermal Shock
± 1%
High Temperature Exposure
± 3%
Temperature Cycling (-40°C ~ +125°C)
± 1%
Operating Life
± 3%
Solderability
95% minimum coverage
Moisture Resistance
± 3%
Base Humidity
± 3%
Vibration
± 1%
Terminal Strength
± 1%
Solvent Resistance
± 1%
TAPE PACKAGING (mm)
A
B
C
D
E
F
G
Tape
6.4±0.1
7.4±0.1
16.0±0.3
7.5±0.1
1.75±0.1
8.0±0.1
4.0±0.1


Similar Description - OLRA-5W-10MFB

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
   Metal plate current sense resistor
TLR2BND KOA-TLR2BND Datasheet
97Kb / 2P
   metal plate current sense resistor
TLR2B KOA-TLR2B Datasheet
443Kb / 2P
   metal plate current sense resistor
TLR-2BW KOA-TLR-2BW Datasheet
442Kb / 2P
   metal plate current sense resistor
TLR3ADTE2L00F75 KOA-TLR3ADTE2L00F75 Datasheet
281Kb / 2P
   metal plate current sense resistor
LR72ADTE2L0J KOA-LR72ADTE2L0J Datasheet
220Kb / 2P
   metal plate current sense resistors
LR72A KOA-LR72A Datasheet
222Kb / 2P
   metal plate current sense resistors
LR72ADTE KOA-LR72ADTE Datasheet
93Kb / 2P
   metal plate current sense resistors
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
   Metal Element Current Sense Resistor
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
   Metal Foil, Current Sense Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com