Electronic Components Datasheet Search |
|
IS61VPS204818A-166TQ Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc |
|
IS61VPS204818A-166TQ Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc |
8 / 21 page 8 Integrated Silicon Solution, Inc. Rev. B 03/27/08 IS61VPS102436A, IS61LPS102436A,IS61VPS204818A,IS61LPS204818A TRUTH TABLE(1-8) (3CE option) OPERATION ADDRESS CE CE CE CE CE CE2 CE2 CE2 CE2 CE2 CE2 ZZ ADSP ADSP ADSP ADSP ADSP ADSC ADSC ADSC ADSC ADSC ADV ADV ADV ADV ADV WRITE WRITE WRITE WRITE WRITE OE OE OE OE OE CLK DQ Deselect Cycle, Power-Down None H X X L X L X X X L-H High-Z Deselect Cycle, Power-Down None L X L L L XXXX L-H High-Z Deselect Cycle, Power-Down None L H X L L XXXX L-H High-Z Deselect Cycle, Power-Down None L X L L H L X X X L-H High-Z Deselect Cycle, Power-Down None L H X L H L X X X L-H High-Z Snooze Mode, Power-Down None X X X H XXXXXX High-Z Read Cycle, Begin Burst External L L H L L X X X L L-H Q Read Cycle, Begin Burst External L L H L L X X X H L-H High-Z Write Cycle, Begin Burst External L L H L H L X L X L-H D Read Cycle, Begin Burst External L L H L H L X H L L-H Q Read Cycle, Begin Burst External L L H L H L X H H L-H High-Z Read Cycle, Continue Burst Next X X X L H H L H L L-H Q Read Cycle, Continue Burst Next X X X L H H L H H L-H High-Z Read Cycle, Continue Burst Next H X X L X H L H L L-H Q Read Cycle, Continue Burst Next H X X L X H L H H L-H High-Z Write Cycle, Continue Burst Next X X X L H H L L X L-H D Write Cycle, Continue Burst Next H X X L X H L L X L-H D Read Cycle, Suspend Burst Current X X X L HHHH L L-H Q Read Cycle, Suspend Burst Current X X X L HHHHH L-H High-Z Read Cycle, Suspend Burst Current H X X L X H H H L L-H Q Read Cycle, Suspend Burst Current H X X L X HHHH L-H High-Z Write Cycle, Suspend Burst Current X X X L H H H L X L-H D Write Cycle, Suspend Burst Current H X X L X H H L X L-H D NOTE: 1. X means “Don’t Care.” H means logic HIGH. L means logic LOW. 2. For WRITE, L means one or more byte write enable signals (BWa-h) and BWE are LOW or GW is LOW. WRITE = H for all BWx, BWE, GW HIGH. 3. BWa enables WRITEs to DQa’s and DQPa. BWb enables WRITEs to DQb’s and DQPb. BWc enables WRITEs to DQc’s and DQPc. BWd enables WRITEs to DQd’s and DQPd. DQPa-DQPd are available on the x36 version. 4. All inputs except OE and ZZ must meet setup and hold times around the rising edge (LOW to HIGH) of CLK. 5. Wait states are inserted by suspending burst. 6. For a WRITE operation following a READ operation, OE must be HIGH before the input data setup time and held HIGH during the input data hold time. 7. This device contains circuitry that will ensure the outputs will be in High-Z during power-up. 8. ADSP LOW always initiates an internal READ at the L-H edge of CLK. A WRITE is performed by setting one or more byte write enable signals and BWE LOW or GW LOW for the subsequent L-H edge of CLK. See WRITE timing diagram for clarification. |
Similar Part No. - IS61VPS204818A-166TQ |
|
Similar Description - IS61VPS204818A-166TQ |