Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LF204818A-7.5B3I Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS61LF204818A-7.5B3I
Description  36Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF204818A-7.5B3I Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS61LF204818A-7.5B3I Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LF204818A-7.5B3I Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LF204818A-7.5B3I Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LF204818A-7.5B3I Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LF204818A-7.5B3I Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LF204818A-7.5B3I Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61LF204818A-7.5B3I Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61LF204818A-7.5B3I Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61LF204818A-7.5B3I Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Integrated Silicon Solution, Inc.
Rev. B
04/17/08
IS61LF102436A IS61LF204818A
IS61VF102436A IS61VF204818A
POWER SUPPLY CHARACTERISTICS(1) (OverOperatingRange)
6.5
7.5
MAX
MAX
Symbol Parameter
Test Conditions
Temp. range
x18
x36
x18
x36
Unit
Icc
ACOperating
DeviceSelected,
Com.
360
360
340 340
mA
Supply Current
OE
= VIh, ZZ ≤ VIl,
Ind.
375
375
350 350
All Inputs ≤ 0.2V or ≥ Vdd – 0.2V, typ.(2)
295
295
Cycle Time ≥ tkc min.
Isb
StandbyCurrent
DeviceDeselected,
Com.
155
155
155
155
mA
TTL Input
Vdd = Max.,
Ind.
160
160
160 160
All Inputs ≤ VIl or ≥ VIh,
ZZ ≤ VIl, f=Max.
IsbI
StandbyCurrent
DeviceDeselected,
Com.
140
140
140
140
mA
cMOs Input
Vdd = Max.,
Ind.
145
145
145 145
VIN ≤ Vss +0.2vor≥Vdd – 0.2V
typ.(2)
80
80
f = 0
Note:
1. MODEpinhasaninternalpullupandshouldbetiedtovdd or Vss. It exhibits ±100 µA maximum leakage current when tied to ≤
Vss+0.2vor≥ Vdd – 0.2V.
2.Typicalvaluesaremeasuredatvcc=3.3v,TA=25oC and not 100% tested.
DC ELECTRICAL CHARACTERISTICS (OverOperatingRange)
3.3V
2.5V
Symbol
Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
VOh
OutputHIGHvoltage
IOh = –4.0 mA (3.3V)
2.4
2.0
V
IOh = –1.0 mA (2.5V)
VOl
OutputLOWvoltage
IOl = 8.0 mA (3.3V)
0.4
0.4
V
IOl = 1.0 mA (2.5V)
VIh
InputHIGHvoltage
2.0
Vdd + 0.3
1.7
Vdd + 0.3
V
VIl
InputLOWvoltage
–0.3
0.8
–0.3
0.7
V
IlI
Input Leakage Current
Vss ≤ VIN ≤ Vdd(1)
–5
5
–5
5
µA
IlO
OutputLeakageCurrent
Vss ≤ VOuT ≤ Vddq, OE = VIh
–5
5
–5
5
µA
OPERATING RANGE (IS61LFxxxxx)
Range
Ambient Temperature
VDD
VDDq
Commercial
0°Cto+70°C
3.3v±5%
3.3v/2.5v±5%
Industrial
-40°Cto+85°C
3.3v±5%
3.3v/2.5v±5%
OPERATING RANGE (IS61VFxxxxx)
Range
Ambient Temperature
VDD
VDDq
Commercial
0°Cto+70°C
2.5v±5%
2.5v±5%
Industrial
-40°Cto+85°C
2.5v±5%
2.5v±5%
Note:
1. VIl (min.) = –2.0V AC (pulse width 2.0 ns). Not 100% tested.
VIh (max.) = Vdd +2.0V Ac (pulse width 2.0 ns). Not 100% tested.


Similar Part No. - IS61LF204818A-7.5B3I

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF204836B ISSI-IS61LF204836B Datasheet
1Mb / 34P
   2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF204836B-6.5B2 ISSI-IS61LF204836B-6.5B2 Datasheet
1Mb / 34P
   2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF204836B-6.5B2I ISSI-IS61LF204836B-6.5B2I Datasheet
1Mb / 34P
   2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF204836B-6.5B2L ISSI-IS61LF204836B-6.5B2L Datasheet
1Mb / 34P
   2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF204836B-6.5B2LI ISSI-IS61LF204836B-6.5B2LI Datasheet
1Mb / 34P
   2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61LF204818A-7.5B3I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
   64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Integrated Silicon Solu...
IS61LF6432A ISSI-IS61LF6432A Datasheet
91Kb / 16P
   64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
GSI Technology
GS8320ZV18T GSI-GS8320ZV18T Datasheet
606Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E-V GSI-GS8321Z18E-V Datasheet
1Mb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8322ZV18B GSI-GS8322ZV18B Datasheet
1Mb / 39P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8321Z36AGD-250IV GSI-GS8321Z36AGD-250IV Datasheet
305Kb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8320Z36AGT-200I GSI-GS8320Z36AGT-200I Datasheet
246Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
logo
List of Unclassifed Man...
GS8320Z36T-166 ETC-GS8320Z36T-166 Datasheet
643Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
logo
GSI Technology
GS8321ZV18 GSI-GS8321ZV18 Datasheet
800Kb / 31P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8320Z18T GSI-GS8320Z18T Datasheet
463Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com