Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LF102436A-7.5TQLI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS61LF102436A-7.5TQLI
Description  36Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF102436A-7.5TQLI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS61LF102436A-7.5TQLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LF102436A-7.5TQLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LF102436A-7.5TQLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LF102436A-7.5TQLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LF102436A-7.5TQLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61LF102436A-7.5TQLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61LF102436A-7.5TQLI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61LF102436A-7.5TQLI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61LF102436A-7.5TQLI Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Integrated Silicon Solution, Inc.
11
Rev. B
04/17/08
IS61LF102436A IS61LF204818A
IS61VF102436A IS61VF204818A
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
cIN
Input Capacitance
VIN = 0V
6
pF
cOuT
Input/OutputCapacitance
VOuT = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°c, f=1MHz,vdd = 3.3V.
3.3V I/O AC TEST CONDITIONS
Parameter
Unit
InputPulseLevel
0vto3.0v
InputRiseandFallTimes
1.5ns
InputandOutputTiming
1.5v
and Reference Level
OutputLoad
SeeFigures1and2
AC TEST LOADS
Figure 2
317
5 pF
Including
jig and
scope
351
OUTPUT
3.3V
Figure 1
OUTPUT
ZO = 50
1.5V
50


Similar Part No. - IS61LF102436A-7.5TQLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF102418A ISSI-IS61LF102418A Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102418A-6.5B2 ISSI-IS61LF102418A-6.5B2 Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102418A-6.5B2I ISSI-IS61LF102418A-6.5B2I Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102418A-6.5B3 ISSI-IS61LF102418A-6.5B3 Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102418A-6.5B3I ISSI-IS61LF102418A-6.5B3I Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61LF102436A-7.5TQLI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
   64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Integrated Silicon Solu...
IS61LF6432A ISSI-IS61LF6432A Datasheet
91Kb / 16P
   64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
GSI Technology
GS8320ZV18T GSI-GS8320ZV18T Datasheet
606Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E-V GSI-GS8321Z18E-V Datasheet
1Mb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8322ZV18B GSI-GS8322ZV18B Datasheet
1Mb / 39P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8321Z36AGD-250IV GSI-GS8321Z36AGD-250IV Datasheet
305Kb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8320Z36AGT-200I GSI-GS8320Z36AGT-200I Datasheet
246Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
logo
List of Unclassifed Man...
GS8320Z36T-166 ETC-GS8320Z36T-166 Datasheet
643Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
logo
GSI Technology
GS8321ZV18 GSI-GS8321ZV18 Datasheet
800Kb / 31P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8320Z18T GSI-GS8320Z18T Datasheet
463Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com