Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LF102436A-6.5TQLI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61LF102436A-6.5TQLI
Description  36Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF102436A-6.5TQLI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61LF102436A-6.5TQLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LF102436A-6.5TQLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LF102436A-6.5TQLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LF102436A-6.5TQLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LF102436A-6.5TQLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LF102436A-6.5TQLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LF102436A-6.5TQLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LF102436A-6.5TQLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LF102436A-6.5TQLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integrated Silicon Solution, Inc.
1
Rev. B
04/17/08
IS61LF102436A IS61VF102436A
IS61LF204818A IS61VF204818A
Copyright © 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without
notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the lat-
est version of this device specification before relying on any published information and before placing orders for products.
FEATURES
• Internalself-timedwritecycle
• IndividualByteWriteControlandGlobalWrite
• Clockcontrolled,registeredaddress,dataand
control
• BurstsequencecontrolusingMODEinput
• Three chip enable option for simple depth expan-
sion and address pipelining
• Commondatainputsanddataoutputs
• AutoPower-downduringdeselect
• Singlecycledeselect
• SnoozeMODEforreduced-powerstandby
• PowerSupply
LF: Vdd 3.3V + 5%, Vddq 3.3V/2.5V + 5%
VF: Vdd 2.5V + 5%, Vddq 2.5V + 5%
• JEDEC100-PinTQFPand165-pinPBGApack-
ages.
• Lead-freeavailable
APRIL 2008
1M x 36, 2M x 18
36Mb SYNCHRONOUS FLOW-THROUGH
STATIC RAM
DESCRIPTION
The
ISSI IS61LF/VF102436A and IS61LF/VF204818A
are high-speed, low-power synchronous static RAMs de-
signed to provide burstable, high-performance memory for
communication and networking applications.The IS61LF/
VF102436Aisorganizedas1,048,476wordsby36bits.
The IS61LF/VF204818Aisorganizedas2M-wordsby18
bits. Fabricated with
ISSI'sadvancedCMOStechnology,
the device integrates a 2-bit burst counter, high-speed
SRAMcore,andhigh-drivecapabilityoutputsintoasingle
monolithic circuit. All synchronous inputs pass through
registers controlled by a positive-edge-triggered single
clock input.
Writecyclesareinternallyself-timedandareinitiatedbythe
risingedgeoftheclockinput.Writecyclescanbeoneto
four bytes wide as controlled by the write control inputs.
Separate byte enables allow individual bytes to be written.
Bytewriteoperationisperformedbyusingbytewriteen-
able (BWE) input combined with one or more individual
byte write signals (BWx). Inaddition,GlobalWrite(GW)
is available for writing all bytes at one time, regardless of
the byte write controls.
BurstscanbeinitiatedwitheitherADSP (Address Status
Processor)orADSC (Address Status Cache Controller)
input pins. Subsequent burst addresses can be gener-
ated internally and controlled by the ADV (burst address
advance) input pin.
Themodepinisusedtoselecttheburstsequenceorder,
LinearburstisachievedwhenthispinistiedLOW.Inter-
leaveburstisachievedwhenthispinistiedHIGHorleft
floating.
FAST ACCESS TIME
Symbol
Parameter
-6.5
-7.5
Units
tkq
ClockAccessTime
6.5
7.5
ns
tkc
CycleTime
7.5
8.5
ns
Frequency
133
117
MHz


Similar Part No. - IS61LF102436A-6.5TQLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF102418A ISSI-IS61LF102418A Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102418A-6.5B2 ISSI-IS61LF102418A-6.5B2 Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102418A-6.5B2I ISSI-IS61LF102418A-6.5B2I Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102418A-6.5B3 ISSI-IS61LF102418A-6.5B3 Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102418A-6.5B3I ISSI-IS61LF102418A-6.5B3I Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61LF102436A-6.5TQLI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
   64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Integrated Silicon Solu...
IS61LF6432A ISSI-IS61LF6432A Datasheet
91Kb / 16P
   64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
GSI Technology
GS8320ZV18T GSI-GS8320ZV18T Datasheet
606Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E-V GSI-GS8321Z18E-V Datasheet
1Mb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8322ZV18B GSI-GS8322ZV18B Datasheet
1Mb / 39P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8321Z36AGD-250IV GSI-GS8321Z36AGD-250IV Datasheet
305Kb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8320Z36AGT-200I GSI-GS8320Z36AGT-200I Datasheet
246Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
logo
List of Unclassifed Man...
GS8320Z36T-166 ETC-GS8320Z36T-166 Datasheet
643Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
logo
GSI Technology
GS8321ZV18 GSI-GS8321ZV18 Datasheet
800Kb / 31P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8320Z18T GSI-GS8320Z18T Datasheet
463Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com