Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C5128AL-10TLI Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS61C5128AL-10TLI
Description  512K x 8 HIGH-SPEED CMOS STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C5128AL-10TLI Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS61C5128AL-10TLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C5128AL-10TLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C5128AL-10TLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C5128AL-10TLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C5128AL-10TLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C5128AL-10TLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C5128AL-10TLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61C5128AL-10TLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61C5128AL-10TLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
7
Rev. B
03/04/2008
IS61C5128AL/AS
IS64C5128AL/AS
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-10
-12
-25
Symbol
Parameter
Min. Max.
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
10
12
25
ns
tAA
Address Access Time
10
12
25
ns
tOHA
Output Hold Time
3
3
3
ns
tACE
CE Access Time
10
12
25
ns
tDOE
OE Access Time
5
6
15
ns
tHZOE(2)
OE to High-Z Output
0
5
0
6
0
8
ns
tLZOE(2)
OE to Low-Z Output
0
0
2
ns
tHZCE(2)
CE to High-Z Output
0
5
0
6
0
8
ns
tLZCE(2)
CE to Low-Z Output
2
2
2
ns
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
3 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See Figures 1 and 2
480
Ω
30 pF
Including
jig and
scope
255
Ω
OUTPUT
5V
480
Ω
5 pF
Including
jig and
scope
255
Ω
OUTPUT
5V
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0
to 3.0V and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. Not 100% tested.
Figure 1
Figure 2
AC TEST LOADS


Similar Part No. - IS61C5128AL-10TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C512 ICSI-IS61C512 Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C512-15J ICSI-IS61C512-15J Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C512-15JI ICSI-IS61C512-15JI Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C512-15N ICSI-IS61C512-15N Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C512-15NI ICSI-IS61C512-15NI Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C5128AL-10TLI

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1049 PYRAMID-P4C1049 Datasheet
210Kb / 12P
   HIGH SPEED 512K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61LV5128AL ISSI-IS61LV5128AL Datasheet
99Kb / 13P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61LV5128 ICSI-IC61LV5128 Datasheet
157Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV5128 ICSI-IS61LV5128 Datasheet
443Kb / 8P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
61LV5128 ISSI-61LV5128 Datasheet
73Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C5128BL-45QLI ETC2-IS62C5128BL-45QLI Datasheet
512Kb / 14P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV5128ALL ISSI-IS61WV5128ALL Datasheet
585Kb / 25P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV5128BLL-10TLI ISSI-IS61WV5128BLL-10TLI Datasheet
586Kb / 26P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V62C1804096 MOSEL-V62C1804096 Datasheet
157Kb / 10P
   512K X 8, CMOS STATIC RAM
V62C2804096 MOSEL-V62C2804096 Datasheet
163Kb / 10P
   512K X 8, CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com