Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2XL11ZXCT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2XL11ZXCT
Description  100 MHz LVDS Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XL11ZXCT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2XL11ZXCT Datasheet HTML 1Page - Cypress Semiconductor CY2XL11ZXCT Datasheet HTML 2Page - Cypress Semiconductor CY2XL11ZXCT Datasheet HTML 3Page - Cypress Semiconductor CY2XL11ZXCT Datasheet HTML 4Page - Cypress Semiconductor CY2XL11ZXCT Datasheet HTML 5Page - Cypress Semiconductor CY2XL11ZXCT Datasheet HTML 6Page - Cypress Semiconductor CY2XL11ZXCT Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CY2XL11
100 MHz LVDS Clock Generator
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-42886 Rev. *D
Revised September 18, 2009
Features
One LVDS Output Pair
Output Frequency: 100 MHz
External Crystal Frequency: 25 MHz
Low RMS Phase Jitter at 100 MHz, using 25 MHz Crystal
(637 kHz to 10 MHz): 0.53 ps (Typical)
Pb-free 8-Pin TSSOP Package
Supply Voltage: 3.3V or 2.5V
Commercial Temperature Range
Functional Description
The CY2XL11 is a PLL (Phase Locked Loop) based high
performance clock generator with a crystal oscillator interface
and one LVDS output pair. It is optimized to generate PCI
Express, FC, and other high performance clock frequencies. It
also produces an output frequency that is four times the crystal
frequency. It uses Cypress’s low noise VCO technology to
achieve less than 1 ps typical RMS phase jitter, that meets high
performance systems’ jitter requirements.
OUTPUT
DIVIDER
OE
CRYSTAL
OSCILLATOR
CLK#
LOW-NOISE
PLL
CLK
XOUT
XIN
External
Crystal
Logic Block Diagram
Pinouts
Figure 1. Pin Diagram - 8-Pin TSSOP
1
2
36
7
8
XOUT
XIN
OE
VSS
VDD
CLK#
45
VDD
CLK
Table 1. Pin Definition - 8-Pin TSSOP
Pin Number
Pin Name
I/O Type
Description
1, 8
VDD
Power
3.3V or 2.5V power supply. All supply current flows through pin 1
2
VSS
Power
Ground
3, 4
XOUT, XIN
XTAL output and input
Parallel resonant crystal interface
5
OE
CMOS input
Output Enable. When HIGH, the output is enabled. When LOW, the
output is high impedance
6,7
CLK#, CLK
LVDS output
Differential clock output
[+] Feedback


Similar Part No. - CY2XL11ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XL11ZXCT CYPRESS-CY2XL11ZXCT Datasheet
331Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11ZXCT CYPRESS-CY2XL11ZXCT Datasheet
287Kb / 9P
   100 MHz LVDS Clock Generator Output frequency: 100 MHz
More results

Similar Description - CY2XL11ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
331Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11 CYPRESS-CY2XL11_11 Datasheet
287Kb / 9P
   100 MHz LVDS Clock Generator Output frequency: 100 MHz
logo
ON Semiconductor
NB3N51054 ONSEMI-NB3N51054 Datasheet
165Kb / 15P
   LVDS PCIe Clock Generator
May, 2015 ??Rev. 2
NB3N51034 ONSEMI-NB3N51034 Datasheet
397Kb / 9P
   Quad HCSL/LVDS Clock Generator
October, 2013 ??Rev. 1
NB3N51032 ONSEMI-NB3N51032 Datasheet
290Kb / 13P
   Dual HCSL/LVDS Clock Generator
July, 2014 ??Rev. 1
NB3N51032 ONSEMI-NB3N51032_16 Datasheet
292Kb / 13P
   Dual HCSL/LVDS Clock Generator
April, 2016 ??Rev. 2
NB3N51032 ONSEMI-NB3N51032_17 Datasheet
612Kb / 13P
   Dual HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
NB3N51044 ONSEMI-NB3N51044_17 Datasheet
219Kb / 13P
   Quad HCSL / LVDS Clock Generator
September, 2017 ??Rev. 2
NB3N51034 ONSEMI-NB3N51034_17 Datasheet
440Kb / 12P
   Quad HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
logo
Texas Instruments
CDCM9102_1209 TI1-CDCM9102_1209 Datasheet
620Kb / 20P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com