Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS64C5128AL-12TLA3 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS64C5128AL-12TLA3
Description  512K x 8 HIGH-SPEED CMOS STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64C5128AL-12TLA3 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS64C5128AL-12TLA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS64C5128AL-12TLA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64C5128AL-12TLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64C5128AL-12TLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64C5128AL-12TLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64C5128AL-12TLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64C5128AL-12TLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64C5128AL-12TLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64C5128AL-12TLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev. B
03/04/2008
Copyright © 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability
arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any
published information and before placing orders for products.
IS61C5128AL/AS
IS64C5128AL/AS
FEATURES
HIGH SPEED: (IS61/64C5128AL)
High-speed access time: 10ns, 12 ns
Low Active Power: 150 mW (typical)
Low Standby Power: 10 mW (typical)
CMOS standby
LOW POWER: (IS61/64C5128AS)
High-speed access time: 25ns
Low Active Power: 75 mW (typical)
Low Standby Power: 1 mW (typical)
CMOS standby
• TTL compatible interface levels
• Single 5V ± 10% power supply
• Fully static operation: no clock or refresh
required
• Available in 36-pin SOJ (400-mil), 32-pin
sTSOP-I, 32-pin SOP, 44-pin TSOP-II and 32-
pin TSOP-II packages
• Commercial, Industrial and Automotive tempera-
ture ranges available
• Lead-free available
DESCRIPTION
The
ISSI IS61C5128AL/AS and IS64C5128AL/AS are high-
speed, 4,194,304-bit static RAMs organized as 524,288
words by 8 bits. They are fabricated using
ISSI's high-
performance CMOS technology. This highly reliable process
coupled with innovative circuit design techniques, yields
access times as fast as 12 ns with low power consumption.
When
CE is HIGH (deselected), the device assumes a
standby mode at which the power dissipation can be reduced
down with CMOS input levels.
Easy memory expansion is provided by using Chip Enable
and Output Enable inputs,
CE and OE. The active LOW Write
Enable (
WE) controls both writing and reading of the memory.
A data byte allows Upper Byte (
UB) and Lower Byte (LB)
access.
The IS61C5128AL/AS and IS64C5128AL/AS are packaged
in the JEDEC standard 36-pin SOJ (400-mil), 32-pin sTSOP-
I, 32-pin SOP, 44-pin TSOP-II and 32-pin TSOP-II packages
FUNCTIONAL BLOCK DIAGRAM
MARCH 2008
512K x 8 HIGH-SPEED CMOS STATIC RAM
A0-A18
CE
OE
WE
512K X 8
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7


Similar Part No. - IS64C5128AL-12TLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64C1024AL ISSI-IS64C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS64C1024AL-15KA3 ISSI-IS64C1024AL-15KA3 Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS64C1024AL-15KA3 ISSI-IS64C1024AL-15KA3 Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS64C1024AL-15TA3 ISSI-IS64C1024AL-15TA3 Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS64C1024AL-15TA3 ISSI-IS64C1024AL-15TA3 Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS64C5128AL-12TLA3

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1049 PYRAMID-P4C1049 Datasheet
210Kb / 12P
   HIGH SPEED 512K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61LV5128AL ISSI-IS61LV5128AL Datasheet
99Kb / 13P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61LV5128 ICSI-IC61LV5128 Datasheet
157Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV5128 ICSI-IS61LV5128 Datasheet
443Kb / 8P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
61LV5128 ISSI-61LV5128 Datasheet
73Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C5128BL-45QLI ETC2-IS62C5128BL-45QLI Datasheet
512Kb / 14P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV5128ALL ISSI-IS61WV5128ALL Datasheet
585Kb / 25P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV5128BLL-10TLI ISSI-IS61WV5128BLL-10TLI Datasheet
586Kb / 26P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V62C1804096 MOSEL-V62C1804096 Datasheet
157Kb / 10P
   512K X 8, CMOS STATIC RAM
V62C2804096 MOSEL-V62C2804096 Datasheet
163Kb / 10P
   512K X 8, CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com