Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2XF32LXIxxxT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2XF32LXIxxxT
Description  High Performance CMOS Oscillator with Frequency Margining - Pin Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XF32LXIxxxT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2XF32LXIxxxT Datasheet HTML 1Page - Cypress Semiconductor CY2XF32LXIxxxT Datasheet HTML 2Page - Cypress Semiconductor CY2XF32LXIxxxT Datasheet HTML 3Page - Cypress Semiconductor CY2XF32LXIxxxT Datasheet HTML 4Page - Cypress Semiconductor CY2XF32LXIxxxT Datasheet HTML 5Page - Cypress Semiconductor CY2XF32LXIxxxT Datasheet HTML 6Page - Cypress Semiconductor CY2XF32LXIxxxT Datasheet HTML 7Page - Cypress Semiconductor CY2XF32LXIxxxT Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PRELIMINARY
CY2XF32
Document Number: 001-53147 Rev. *B
Page 4 of 8
Absolute Maximum Conditions
Parameter
Description
Condition
Min
Max
Unit
VDD
Supply Voltage
–0.5
4.4
V
VIN[1]
Input Voltage, DC
Relative to VSS
–0.5
VDD+0.5
V
TS
Temperature, Storage
Non operating
–55
135
°C
TJ
Temperature, Junction
–40
135
°C
ESDHBM
ESD Protection (Human Body Model)
JEDEC STD 22-A114-B
2000
V
ΘJA[2]
Thermal Resistance, Junction to Ambient
0 m/s airflow
64
°C/W
Operating Conditions
Parameter
Description
Min
Typ
Max
Unit
VDD
3.3V Supply Voltage Range
3.135
3.3
3.465
V
2.5V Supply Voltage Range
2.375
2.5
2.625
V
TPU
Power Up Time for VDD to Reach Minimum Specified Voltage (Power Ramp
is Monotonic)
0.05
500
ms
TA
Ambient Temperature, Commercial
0
70
°C
Ambient Temperature, Industrial
–40
85
°C
CLOAD
Load Capacitance at CLK (>100 MHz)
10
pF
Load Capacitance at CLK (
≤100 MHz)
15
pF
Notes
1. The voltage on any input or I/O pin cannot exceed the power pin during power up.
2. Simulated. The board is derived from the JEDEC multilayer standard. It measures 76 x 114 x 1.6 mm and has four layers of copper (2/1/1/2 oz.). The internal layers
are 100% copper planes, while the top and bottom layers have 50% metalization. No vias are included in the model.
3. Not 100% tested, guaranteed by design and characterization.
DC Electrical Characteristics
Parameter
Description
Condition
Min
Typ
Max
Unit
IDD
Operating Supply Current
VDD = 3.465V, OE/PD# = VDD, output
unloaded
––
110
mA
ISB
Standby Supply Current
PD# = VSS
200
μA
VOH
Output High Voltage
VDD = min, IOH = –4 mA
0.9*VDD
––
V
VOL
Output Low Voltage
VDD = max, IOL = 4 mA
0.1*VDD
V
IOZ
Output Leakage Current
OE/PD# = VSS
–35
35
μA
VIH
Input High Voltage
0.7*VDD
––
V
VIL
Input Low Voltage
0.3*VDD
V
IIH0
Input High Current, OE/PD# Pin
Input = VDD
––
115
μA
IIH1
Input High Current, FS0 & FS1 Pins Input = VDD
––
10
μA
IIL0
Input Low Current, OE/PD# Pin
Input = VSS
–50
μA
IIL1
Input Low Current, FS0 & FS1 Pin
Input = VSS
–20
μA
CIN0[3]
Input Capacitance, OE/PD# Pin
15
pF
CIN1[3]
Input Capacitance, FS0 & FS1 Pin
4
pF
[+] Feedback


Similar Part No. - CY2XF32LXIxxxT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF32LXIxxxT CYPRESS-CY2XF32LXIxxxT Datasheet
369Kb / 8P
   6-Pin Ceramic LCC SMD - Tape and Reel
More results

Similar Description - CY2XF32LXIxxxT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF32 CYPRESS-CY2XF32_11 Datasheet
268Kb / 10P
   High Performance CMOS Oscillator with Frequency Margining ??Pin Control
CY2XF33 CYPRESS-CY2XF33 Datasheet
365Kb / 7P
   High Performance LVDS Oscillator with Frequency Margining - Pin Control
CY2XF34 CYPRESS-CY2XF34 Datasheet
419Kb / 10P
   High Performance LVPECL Oscillator with Frequency Margining - Pin Control
CY2XF33 CYPRESS-CY2XF33_11 Datasheet
213Kb / 12P
   High-Performance LVDS Oscillator With Frequency Margining ??Pin Control
CY2XF34_1106 CYPRESS-CY2XF34_1106 Datasheet
231Kb / 12P
   High Performance LVPECL Oscillator with Frequency Margining ??Pin Control
CY2XF23 CYPRESS-CY2XF23 Datasheet
406Kb / 11P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
CY2XF24 CYPRESS-CY2XF24_11 Datasheet
385Kb / 17P
   High Performance LVPECL Oscillator with Frequency Margining ??I2C Control
CY2XF23 CYPRESS-CY2XF23_11 Datasheet
490Kb / 16P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
logo
TEMEX
RV1490HF TEMEX-RV1490HF Datasheet
668Kb / 10P
   High Performance High Frequency Fundamental Voltage Control Crystal Oscillator
logo
Analog Devices
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com