Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2XF33FLXIT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2XF33FLXIT
Description  High Performance LVDS Oscillator with Frequency Margining - Pin Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XF33FLXIT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2XF33FLXIT Datasheet HTML 1Page - Cypress Semiconductor CY2XF33FLXIT Datasheet HTML 2Page - Cypress Semiconductor CY2XF33FLXIT Datasheet HTML 3Page - Cypress Semiconductor CY2XF33FLXIT Datasheet HTML 4Page - Cypress Semiconductor CY2XF33FLXIT Datasheet HTML 5Page - Cypress Semiconductor CY2XF33FLXIT Datasheet HTML 6Page - Cypress Semiconductor CY2XF33FLXIT Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PRELIMINARY
CY2XF33
Document Number: 001-53148 Rev. *B
Page 2 of 7
Functional Description
The FS0 and FS1 pins select between four different output
frequencies, as shown in Table 2. Frequency margining is a
common application for this feature. One frequency is used for
the standard operating mode of the device, while the other
frequencies are available for margin testing, either during
product development or in system manufacturing test.
When changing the output frequency, the frequency transition is
not guaranteed to be smooth. There can be frequency excur-
sions beyond the start frequency and the new frequency.
Glitches and runt pulses are possible, and time must be allowed
for the PLL to relock.
Programming Description
The CY2XF33 is a programmable device. Before being used in
an application, it must be programmed with the output
frequencies and other variables described in a later section. Two
different device types are available, each with its own
programming flow. They are described in the following sections.
Field Programmable CY2XF33F
Field programmable devices are shipped unprogrammed and
must be programmed before being installed on a printed circuit
board (PCB). Customers use CyberClocks™ Online Software to
specify the device configuration and generate a JEDEC
(extension .jed) programming file. Programming of samples and
prototype quantities is available using a Cypress programmer.
Third party vendors manufacture programmers for small to large
volume applications. Cypress’s value added distribution partners
also provide programming services. Field programmable
devices are designated with an “F” in the part number. They are
intended for quick prototyping and inventory reduction. The
CY2XF33 is one time programmable (OTP).
The software is located at www.cyberclocksonline.com.
Factory Configured CY2XF33
For customers wanting ready-to-use devices, the CY2XF33 is
available with no field programming required. All requests are
submitted to the local Cypress Field Application Engineer (FAE)
or sales representative. After the request is processed, the user
receives a new part number, samples, and data sheet with the
programmed values. This part number is used for additional
sample requests and production orders.
Programming Variables
Output Frequencies
The CY2XF33 is programmed with up to four independent output
frequencies, which are then selected using the FS0 and FS1
pins. The device can synthesize frequencies to a resolution of 1
part per million (ppm), but the actual accuracy of the output
frequency is limited by the accuracy of the integrated reference
crystal.
The CY2XF33 has an output frequency range of 50 MHz to
690 MHz, but the range is not continuous. The CY2XF33 cannot
generate frequencies in the ranges of 521 MHz to 529 MHz and
596 MHz to 617 MHz.
Industrial Versus Commercial Device Performance
Industrial and Commercial devices have different internal
crystals. This has a potentially significant impact on performance
levels for applications requiring the lowest possible phase noise.
CyberClocks Online Software displays expected performance
for both options.
Phase Noise Versus Jitter Performance
In most cases, the device configuration for optimal phase noise
performance is different from the device configuration for optimal
cycle to cycle or period jitter. CyberClocks Online Software
includes algorithms to optimize performance for either
parameter.
Table 2. Frequency Select
FS1
FS0
Output Frequency
0
0
Frequency 0
0
1
Frequency 1
1
0
Frequency 2
1
1
Frequency 3
Table 3. Device Programming Variables
Variable
Output Frequency 0 (Power on default)
Output Frequency 1
Output Frequency 2
Output Frequency 3
Optimization (phase noise or jitter)
Temperature range (Commercial or Industrial)
[+] Feedback


Similar Part No. - CY2XF33FLXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF33FLXIT CYPRESS-CY2XF33FLXIT Datasheet
367Kb / 7P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF33FLXIT CYPRESS-CY2XF33FLXIT Datasheet
213Kb / 12P
   High-Performance LVDS Oscillator With Frequency Margining ??Pin Control
More results

Similar Description - CY2XF33FLXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF33 CYPRESS-CY2XF33_11 Datasheet
213Kb / 12P
   High-Performance LVDS Oscillator With Frequency Margining ??Pin Control
CY2XF23 CYPRESS-CY2XF23 Datasheet
406Kb / 11P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
CY2XF23 CYPRESS-CY2XF23_11 Datasheet
490Kb / 16P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
CY2XF32 CYPRESS-CY2XF32 Datasheet
368Kb / 8P
   High Performance CMOS Oscillator with Frequency Margining - Pin Control
CY2XF32 CYPRESS-CY2XF32_11 Datasheet
268Kb / 10P
   High Performance CMOS Oscillator with Frequency Margining ??Pin Control
CY2XF34 CYPRESS-CY2XF34 Datasheet
419Kb / 10P
   High Performance LVPECL Oscillator with Frequency Margining - Pin Control
CY2XF34_1106 CYPRESS-CY2XF34_1106 Datasheet
231Kb / 12P
   High Performance LVPECL Oscillator with Frequency Margining ??Pin Control
CY2XF24 CYPRESS-CY2XF24_11 Datasheet
385Kb / 17P
   High Performance LVPECL Oscillator with Frequency Margining ??I2C Control
logo
Maxim Integrated Produc...
DS4M125 MAXIM-DS4M125 Datasheet
138Kb / 7P
   3.3V Margining Clock Oscillator with LVPECL/LVDS Output
Rev 0; 12/07
logo
TEMEX
RV1490HF TEMEX-RV1490HF Datasheet
668Kb / 10P
   High Performance High Frequency Fundamental Voltage Control Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com