Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS64C5128AS Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS64C5128AS
Description  512K x 8 HIGH-SPEED CMOS STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64C5128AS Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS64C5128AS Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS64C5128AS Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64C5128AS Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64C5128AS Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64C5128AS Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64C5128AS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64C5128AS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64C5128AS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64C5128AS Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
3
Rev. B
03/04/2008
IS61C5128AL/AS
IS64C5128AL/AS
32-pin sTSOP (TYPE I)
32-pin SOP
32-pin TSOP (TYPE II)
PIN DESCRIPTIONS
A0-A18
Address Inputs
CE
Chip Enable 1 Input
OE
Output Enable Input
WE
Write Enable Input
I/O0-I/O7
Input/Output
VDD
Power
GND
Ground
LOW POWER (IS61/64C5128AS) PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
WE
A18
A15
VDD
A17
A16
A14
A12
A7
A6
A5
A4
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
A3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A17
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
A15
A18
WE
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
VDD


Similar Part No. - IS64C5128AS

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64C1024AL ISSI-IS64C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS64C1024AL-15KA3 ISSI-IS64C1024AL-15KA3 Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS64C1024AL-15KA3 ISSI-IS64C1024AL-15KA3 Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS64C1024AL-15TA3 ISSI-IS64C1024AL-15TA3 Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS64C1024AL-15TA3 ISSI-IS64C1024AL-15TA3 Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS64C5128AS

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1049 PYRAMID-P4C1049 Datasheet
210Kb / 12P
   HIGH SPEED 512K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61LV5128AL ISSI-IS61LV5128AL Datasheet
99Kb / 13P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61LV5128 ICSI-IC61LV5128 Datasheet
157Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV5128 ICSI-IS61LV5128 Datasheet
443Kb / 8P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
61LV5128 ISSI-61LV5128 Datasheet
73Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C5128BL-45QLI ETC2-IS62C5128BL-45QLI Datasheet
512Kb / 14P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV5128ALL ISSI-IS61WV5128ALL Datasheet
585Kb / 25P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV5128BLL-10TLI ISSI-IS61WV5128BLL-10TLI Datasheet
586Kb / 26P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V62C1804096 MOSEL-V62C1804096 Datasheet
157Kb / 10P
   512K X 8, CMOS STATIC RAM
V62C2804096 MOSEL-V62C2804096 Datasheet
163Kb / 10P
   512K X 8, CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com