Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2XF23FLXCT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2XF23FLXCT
Description  High Performance LVDS Oscillator with Frequency Margining - I2C Control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XF23FLXCT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2XF23FLXCT Datasheet HTML 1Page - Cypress Semiconductor CY2XF23FLXCT Datasheet HTML 2Page - Cypress Semiconductor CY2XF23FLXCT Datasheet HTML 3Page - Cypress Semiconductor CY2XF23FLXCT Datasheet HTML 4Page - Cypress Semiconductor CY2XF23FLXCT Datasheet HTML 5Page - Cypress Semiconductor CY2XF23FLXCT Datasheet HTML 6Page - Cypress Semiconductor CY2XF23FLXCT Datasheet HTML 7Page - Cypress Semiconductor CY2XF23FLXCT Datasheet HTML 8Page - Cypress Semiconductor CY2XF23FLXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRELIMINARY
CY2XF23
High Performance LVDS Oscillator with
Frequency Margining - I2C Control
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-53145 Rev. *B
Revised September 18, 2009
Features
Low Jitter Crystal Oscillator (XO)
Less than 1ps Typical RMS Phase Jitter
Differential LVDS Output
Output Frequency from 50 MHz to 690 MHz
Frequency Margining through I2C Bus
Factory Configured or Field Programmable
Integrated Phase-Locked Loop (PLL)
Pb-Free Package: 5.0 x 3.2 mm LCC
Supply Voltage: 3.3V or 2.5V
Commercial and Industrial Temperature Ranges
Functional Description
The CY2XF23 is a high performance and high frequency Crystal
Oscillator (XO). It uses a Cypress proprietary low noise PLL to
synthesize the frequency from an integrated crystal. The output
frequency can be changed using the I2C Bus serial interface,
allowing easy frequency margin testing in applications.
The CY2XF23 is available as a factory configured device or as
a field programmable device.
Pinouts
Figure 1. Pin Diagram - 6 Pin Ceramic LCC
Logic Block Diagram
PROGRAMMABLE
CONFIGURATION
OUTPUT
DIVIDER
1
SDA
CRYSTAL
OSCILLATOR
LOW-NOISE
PLL
4
CLK
5
CLK#
2
SCL
I2C
INTERFACE
1
3
SDA
VSS
VDD
CLK
6
4
2
5CLK#
SCLK
Table 1. Pin Definitions - 6 Pin Ceramic LCC
Pin
Name
I/O Type
Description
1
SDA
I/O
I2C Serial Data
2SCLK
CMOS Input
I2C Serial Clock
4, 5
CLK, CLK#
LVDS Output
Differential Output Clock
6
VDD
Power
Supply Voltage: 2.5V or 3.3V
3
VSS
Power
Ground
[+] Feedback


Similar Part No. - CY2XF23FLXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF23FLXCT CYPRESS-CY2XF23FLXCT Datasheet
300Kb / 11P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF23FLXCT CYPRESS-CY2XF23FLXCT Datasheet
490Kb / 16P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
More results

Similar Description - CY2XF23FLXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF23 CYPRESS-CY2XF23_11 Datasheet
490Kb / 16P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
CY2XF33 CYPRESS-CY2XF33 Datasheet
365Kb / 7P
   High Performance LVDS Oscillator with Frequency Margining - Pin Control
CY2XF24 CYPRESS-CY2XF24_11 Datasheet
385Kb / 17P
   High Performance LVPECL Oscillator with Frequency Margining ??I2C Control
CY2XF33 CYPRESS-CY2XF33_11 Datasheet
213Kb / 12P
   High-Performance LVDS Oscillator With Frequency Margining ??Pin Control
CY2XF32 CYPRESS-CY2XF32 Datasheet
368Kb / 8P
   High Performance CMOS Oscillator with Frequency Margining - Pin Control
CY2XF32 CYPRESS-CY2XF32_11 Datasheet
268Kb / 10P
   High Performance CMOS Oscillator with Frequency Margining ??Pin Control
CY2XF34 CYPRESS-CY2XF34 Datasheet
419Kb / 10P
   High Performance LVPECL Oscillator with Frequency Margining - Pin Control
CY2XF34_1106 CYPRESS-CY2XF34_1106 Datasheet
231Kb / 12P
   High Performance LVPECL Oscillator with Frequency Margining ??Pin Control
logo
Maxim Integrated Produc...
DS4M125 MAXIM-DS4M125 Datasheet
138Kb / 7P
   3.3V Margining Clock Oscillator with LVPECL/LVDS Output
Rev 0; 12/07
logo
TEMEX
RV1490HF TEMEX-RV1490HF Datasheet
668Kb / 10P
   High Performance High Frequency Fundamental Voltage Control Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com