Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9698P Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC9698P
Description  CD PLAY SOC(COMBINED SC9820 with CLOCK)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9698P Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC9698P Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9698P Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9698P Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9698P Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9698P Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9698P Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9698P Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9698P Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9698P Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SC9698P
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.03.24
Http: www.silan.com.cn
Page 5 of 17
PIN DESCRIPTION
Pin no.
Symbol
I/O
Descriptions
1
CROUT
O
8.4672MHz crystal output pin.
2
PA.7
I/O
3
PA.6
I/O
4
PA.5
I/O
5
PA.4
I/O
6
PA.3/ADIN3
I/O
7
PA.2/ADIN2
I/O
8
PA.1/ADIN1
I/O
9
PA.0/ADIN0
I/O
MCU general purpose I/O ports, and the function is decided by
the program.
10
PB.0/INT0
I/O
11
PB.1/INT1
I/O
12
PB.2/BUZZ
I/O
13
PB.3
I/O
14
PB.4
I/O
15
PB.5
I/O
16
PB.6
I/O
17
PB.7
I/O
MCU general purpose I/O ports, and the function is decided by
the program.
18
PC.0
I/O
19
PC.1
I/O
20
PC.2
I/O
21
PC.3
I/O
22
PC.4
I/O
23
PC.5
I/O
24
PC.6
I/O
25
PC.7
I/O
MCU general purpose I/O ports, and the function is decided by
the program.
26
MVSS
-
MCU Ground pin.
27
MVDD
-
MCU power supply pin.
28
MRST
I
MCU reset pin.
29
MTEST
I
MCU test pin.
30
MXI
I
MCU clock input pin.
31
MXO
O
MCU clock output pin.
32
COM0
O
LCD COM0 port.
33
COM1
O
LCD COM1 port.
34
COM2
O
LCD COM2 port.
35
COM3
O
LCD COM3 port.
36
SEG0
O
LCD SEG0 port.
37
SEG1
O
LCD SEG1 port.
38
SEG2
O
LCD SEG2 port.
39
SEG3
O
LCD SEG3 port.
(To be continued)


Similar Part No. - SC9698P

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9696P SILAN-SC9696P Datasheet
1Mb / 20P
   CD SERVO CONTROLLER WITH MCU
SC9697 SILAN-SC9697 Datasheet
303Kb / 9P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9699P SILAN-SC9699P Datasheet
272Kb / 11P
   CD SERVO CONTROLLER WITH MCU (WITH DTS AND CLOCK)
More results

Similar Description - SC9698P

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB9G711 FUJITSU-MB9G711 Datasheet
1Mb / 2P
   SoC for 'CD-Less' Car Audio System
logo
Silan Microelectronics ...
SC9699P SILAN-SC9699P Datasheet
272Kb / 11P
   CD SERVO CONTROLLER WITH MCU (WITH DTS AND CLOCK)
SC9638FP SILAN-SC9638FP Datasheet
833Kb / 13P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9638EP SILAN-SC9638EP Datasheet
859Kb / 13P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9697 SILAN-SC9697 Datasheet
303Kb / 9P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
logo
TE Connectivity Ltd
LL-01 TEC-LL-01 Datasheet
181Kb / 3P
   Proven ultrasonic technology combined with compact electronics
logo
Sony Corporation
CXD3030 SONY-CXD3030 Datasheet
41Kb / 2P
   System-on-a-Chip (SoC) Device Supports 48쨈 Speed CD-ROM Drives
logo
Texas Instruments
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5123 TI1-CC430F5123 Datasheet
1Mb / 116P
[Old version datasheet]   MSP430 SoC With RF Core
logo
Hamamatsu Corporation
S8866-64 HAMAMATSU-S8866-64_11 Datasheet
375Kb / 10P
   Photodiode array combined with signal processing IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com