Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS45S16400F-7TLA2 Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS45S16400F-7TLA2
Description  1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45S16400F-7TLA2 Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS45S16400F-7TLA2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45S16400F-7TLA2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45S16400F-7TLA2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45S16400F-7TLA2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS45S16400F-7TLA2 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS45S16400F-7TLA2 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS45S16400F-7TLA2 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS45S16400F-7TLA2 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS45S16400F-7TLA2 Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com
Rev. F
11/09/09
IS42S16400F
IS45S16400F
3. Current state definitions:
Idle:Thebankhasbeenprecharged,andtrp has been met.
RowActive:Arowinthebankhasbeenactivated,andtrcdhasbeenmet.Nodatabursts/accessesandnoregister
accesses are in progress.
Read:AREADbursthasbeeninitiated,withautoprechargedisabled,andhasnotyetterminatedorbeentermi-
nated.
Write:AWRITEbursthasbeeninitiated,withautoprechargedisabled,andhasnotyetterminatedorbeentermi-
nated.
4.Thefollowingstatesmustnotbeinterruptedbyacommandissuedtothesamebank.COMMANDINHIBITorNOPcommands,
or allowable commands to the other bank should be issued on any clock edge occurring during these states. Allowable com-
mandstotheotherbankaredeterminedbyitscurrentstateandCURRENTSTATEBANKntruthtables.
Precharging:StartswithregistrationofaPRECHARGEcommandandendswhentrpismet.Oncetrp is met, the bank
will be in the idle state.
RowActivating:StartswithregistrationofanACTIVEcommandandendswhentrcdismet.Oncetrcd is met, the bank will
be in the row active state.
Readw/Auto
PrechargeEnabled:StartswithregistrationofaREADcommandwithautoprechargeenabledandendswhentrp has been
met.Oncetrp is met, the bank will be in the idle state.
Writew/Auto
PrechargeEnabled:StartswithregistrationofaWRITEcommandwithautoprechargeenabledandendswhentrp has been
met.Oncetrp is met, the bank will be in the idle state.
5.Thefollowingstatesmustnotbeinterruptedbyanyexecutablecommand;COMMANDINHIBITorNOPcommandsmustbe
applied on each positive clock edge during these states.
Refreshing:StartswithregistrationofanAUTOREFRESHcommandandendswhentrcismet.Oncetrc is met, the
SDRAMwillbeintheallbanksidlestate.
Accessing Mode
Register:StartswithregistrationofaLOADMODEREGISTERcommandandendswhentmrdhasbeenmet.Once
tmrdismet,theSDRAMwillbeintheallbanksidlestate.
PrechargingAll:StartswithregistrationofaPRECHARGEALLcommandandendswhentrpismet.Oncetrp is met, all
banks will be in the idle state.
6. All states and sequences not shown are illegal or reserved.
7.Notbank-specific;requiresthatallbanksareidle.
8.Mayormaynotbebank-specific;ifallbanksaretobeprecharged,allmustbeinavalidstateforprecharging.
9.Notbank-specific;BURSTTERMINATEaffectsthemostrecentREADorWRITEburst,regardlessofbank.
10.READsorWRITEslistedintheCommand(Action)columnincludeREADsorWRITEswithautoprechargeenabledand
READsorWRITEswithautoprechargedisabled.
11.DoesnotaffectthestateofthebankandactsasaNOPtothatbank.


Similar Part No. - IS45S16400F-7TLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S16400C1 ISSI-IS45S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400C1-7TA1 ISSI-IS45S16400C1-7TA1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400C1-7TLA ISSI-IS45S16400C1-7TLA Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400C1-7TLA1 ISSI-IS45S16400C1-7TLA1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400E ISSI-IS45S16400E Datasheet
849Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS45S16400F-7TLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16400E ISSI-IS42S16400E Datasheet
848Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S16400B ETC-IS42S16400B Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS45S16400C1 ISSI-IS45S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400_08 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400C1 ISSI-IS42S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400D ISSI-IS42S16400D Datasheet
562Kb / 57P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com