Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA1582S Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SA1582S
Description  BIDIRECTIONAL DC MOTOR DRIVER FOR DISK TRAY MOTION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA1582S Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SA1582S Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA1582S Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA1582S Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA1582S Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA1582S Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA1582S Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA1582S Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA1582S Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SA1582
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2006.06.26
Http: www.silan.com.cn
Page 2 of 8
ABSOLUTE MAXIMUM RATINGS (Tamb=25°C)
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
16
V
Maximum Output Current
IO
1.6 (note1)
A
SA1582
1.20
Power Dissipation(note2)
PD
SA1582S
0.75
W
Operating Temperature
Topr
-25~+75
°C
Storage Temperature
Tstg
-55~+125
°C
Note: 1. Duty 1/100, pulse width 500
µs
2. 1) When mounted on glass epoxy PCB (76.2 x 114 x 1.57mm)
2) Power dissipation reduces 11.5mW/
°C for SA1582 using above Tamb=25°C.
3) Power dissipation reduces 7.2mW/
°C for SA1582S using above Tamb=25°C.
4) Do not exceed PD and SOA (Safe Operating Area).
POWER DISSIPATION CURVE
1000
0
0
25
50
75
100
125
150
175
Pd(mW)
Ambient temperature, Tamb[
]
SOA
SA1582
SA1582S
RECOMMEND OPERATING CONDITIONS (Tamb=25°C)
Characteristic
Symbol
Value
Unit
Operating supply voltage note
SVCC, PVCC
7~16
V
Note: Caution 1) PVCC
≤SVCC.
Caution 2) When PVCC is above 16V, the VCTL must be opened or 8.5
≤VCTL≤PVCC.


Similar Part No. - SA1582S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SA158 DIOTEC-SA158 Datasheet
163Kb / 2P
   Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
SA158 SEMIKRON-SA158 Datasheet
106Kb / 2P
   Fast silicon rectifier diodes
logo
Diotec Semiconductor
SA158 DIOTEC-SA158 Datasheet
73Kb / 2P
   Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
SA158 SEMIKRON-SA158 Datasheet
110Kb / 2P
   Surface mount diode Fast silicon rectifier diodes
logo
Diotec Semiconductor
SA158 DIOTEC-SA158 Datasheet
150Kb / 2P
   Fast Recovery SMD Rectifier Diodes
More results

Similar Description - SA1582S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8473SA PANASONIC-AN8473SA Datasheet
57Kb / 6P
   Spindle motor driver IC for optical disk
AN8481SB PANASONIC-AN8481SB Datasheet
64Kb / 6P
   Spindle motor driver IC for optical disk
logo
Sanyo Semicon Device
LB1810M SANYO-LB1810M Datasheet
158Kb / 7P
   Spindle Motor Driver for Floppy-disk Drives
logo
Panasonic Semiconductor
AN8470NSA PANASONIC-AN8470NSA Datasheet
71Kb / 8P
   Spindle motor driver IC for optical disk
AN8472SA PANASONIC-AN8472SA Datasheet
75Kb / 9P
   Spindle motor driver IC for optical disk
logo
Sanyo Semicon Device
LB1813M SANYO-LB1813M Datasheet
178Kb / 9P
   Spindle Motor Driver for Floppy-disk Drives?
LB1645N SANYO-LB1645N Datasheet
76Kb / 3P
   Bidirectional Motor Driver?
LB1641 SANYO-LB1641_12 Datasheet
79Kb / 5P
   Bidirectional Motor Driver
logo
ON Semiconductor
ENA2016 ONSEMI-ENA2016 Datasheet
114Kb / 4P
   Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1830MC SANYO-LB1830MC Datasheet
80Kb / 4P
   Bidirectional Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com