Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42S16320B-7BLI Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS42S16320B-7BLI
Description  64M x 8, 32M x 16 512Mb SYNCHRONOUS DRAM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16320B-7BLI Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS42S16320B-7BLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S16320B-7BLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S16320B-7BLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16320B-7BLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16320B-7BLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16320B-7BLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16320B-7BLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42S16320B-7BLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42S16320B-7BLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
7
Rev. C
08/27/09
IS42S86400B, IS42/45S16320B
GENERAL DESCRIPTION
READ
TheREADcommandselectsthebankfromBA0,BA1inputs
and starts a burst read access to an active row. Inputs
A0-A9(x16);A0-A9,A11(x8)providesthestartingcolumn
location.WhenA10isHIGH,thiscommandfunctionsasan
AUTOPRECHARGEcommand.Whentheautoprecharge
is selected, the row being accessed will be precharged at
theendoftheREADburst.Therowwillremainopenfor
subsequentaccesseswhenAUTOPRECHARGEisnot
selected.DQ’sreaddataissubjecttothelogiclevelon
theDQMinputstwoclocksearlier.WhenagivenDQM
signalwasregisteredHIGH,thecorrespondingDQ’swill
be High-Z two clocks later. DQ’s will provide valid data
whentheDQMsignalwasregisteredLOW.
WRITE
A burst write access to an active row is initiated with the
WRITEcommand.BA0,BA1inputsselectsthebank,and
the starting column location is provided by inputs A0-A9
(x16);A0-A9,A11(x8).WhetherornotAUTO-PRECHARGE
is used is determined by A10.
Therowbeingaccessedwillbeprechargedattheendof
theWRITEburst,ifAUTOPRECHARGEisselected.If
AUTOPRECHARGEisnotselected,therowwillremain
openforsubsequentaccesses.
A memory array is written with corresponding input data
onDQ’sandDQMinputlogiclevelappearingatthesame
time.DatawillbewrittentomemorywhenDQMsignalis
LOW.WhenDQMisHIGH,thecorrespondingdatainputs
willbeignored,andaWRITEwillnotbeexecutedtothat
byte/column location.
PRECHARGE
The PRECHARGE command is used to deactivate the
open row in a particular bank or the open row in all banks.
BA0,BA1canbeusedtoselectwhichbankisprecharged
or they are treated as “Don’t Care”.A10 determined
whether one or all banks are precharged. After execut-
ing this command, the next command for the selected
bank(s)isexecutedafterpassageoftheperiodt
RP, which
istheperiodrequiredforbankprecharging.Onceabank
has been precharged, it is in the idle state and must be
activatedpriortoanyREADorWRITEcommandsbeing
issued to that bank.
AUTO PRECHARGE
TheAUTOPRECHARGEfunctionensuresthatthepre-
charge is initiated at the earliest valid stage within a burst.
Thisfunctionallowsforindividual-bankprechargewithout
requiringanexplicitcommand.A10toenabletheAUTO
PRECHARGEfunctioninconjunctionwithaspecificREAD
orWRITEcommand.ForeachindividualREADorWRITE
command, auto precharge is either enabled or disabled.
AUTOPRECHARGEdoesnotapplyexceptinfull-page
burst mode. Upon completion of the READ or WRITE
burst, a precharge of the bank/row that is addressed is
automatically performed.
AUTO REFRESH COMMAND
ThiscommandexecutestheAUTOREFRESHoperation.
Therowaddressandbanktoberefreshedareautomatically
generatedduringthisoperation. Thestipulatedperiod(trc)is
requiredforasinglerefreshoperation,andnoothercom-
mandscanbeexecutedduringthisperiod. Thiscommand
isexecutedatleast8192timesforevery64ms.Duringan
AUTOREFRESHcommand,addressbitsare“Don’tCare”.
ThiscommandcorrespondstoCBRAuto-refresh.
BURST TERMINATE
The BURSTTERMINATE command forcibly terminates
the burst read and write operations by truncating either
fixed-length or full-page bursts and the most recently
registeredREADorWRITEcommandpriortotheBURST
TERMINATE.
COMMAND INHIBIT
COMMANDINHIBITpreventsnewcommandsfrombeing
executed.Operationsinprogressarenotaffected,apart
fromwhethertheCLKsignalisenabled
NO OPERATION
WhenCSislow,theNOPcommandpreventsunwanted
commands from being registered during idle or wait
states.
LOAD MODE REGISTER
DuringtheLOADMODEREGISTERcommandthemode
registerisloadedfromA0-A12.Thiscommandcanonly
be issued when all banks are idle.
ACTIVE COMMAND
When the ACTIVE COMMAND is activated, BA0, BA1
inputs selects a bank to be accessed, and the address
inputsonA0-A12selectstherow.UntilaPRECHARGE
command is issued to the bank, the row remains open
for accesses.


Similar Part No. - IS42S16320B-7BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16320D ISSI-IS42S16320D Datasheet
1Mb / 66P
   Internal bank for hiding row access/precharge
IS42S16320F ISSI-IS42S16320F Datasheet
1Mb / 68P
   8K refresh cycles every 64 ms
More results

Similar Description - IS42S16320B-7BLI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C32M16D1A ALSC-AS4C32M16D1A Datasheet
1Mb / 64P
   32M x 16 bit DDR Synchronous DRAM
logo
Etron Technology, Inc.
EM6AB160TSE-4G ETRON-EM6AB160TSE-4G Datasheet
560Kb / 62P
   32M x 16 bit DDR Synchronous DRAM
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
EM63B165TS-5ISG ETRON-EM63B165TS-5ISG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C32M8SA-7TCN ALSC-AS4C32M8SA-7TCN Datasheet
1Mb / 55P
   32M x 8 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68B16CWQH-18H ETRON-EM68B16CWQH-18H Datasheet
1Mb / 60P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM6GC16EWKE-15H ETRON-EM6GC16EWKE-15H Datasheet
835Kb / 85P
   64M x 16 bit DDR3 Synchronous DRAM (SDRAM)
EM68C16CWQG-18H ETRON-EM68C16CWQG-18H Datasheet
1Mb / 60P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18H ETRON-EM68C16CWQE-18H Datasheet
1Mb / 58P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18IH ETRON-EM68C16CWQE-18IH Datasheet
1,005Kb / 56P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com