Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS45S16400F-6TLA1 Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS45S16400F-6TLA1
Description  1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45S16400F-6TLA1 Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS45S16400F-6TLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45S16400F-6TLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45S16400F-6TLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45S16400F-6TLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45S16400F-6TLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS45S16400F-6TLA1 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS45S16400F-6TLA1 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS45S16400F-6TLA1 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS45S16400F-6TLA1 Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
9
Rev. F
11/09/09
IS42S16400F
IS45S16400F
TRUTH TABLE – CURRENT STATE BANK n, COMMAND TO BANK n (1-6)
CURRENTSTATE
COMMAND(ACTION)
CS RAS CAS WE
Any
COMMANDINHIBIT(NOP/Continuepreviousoperation)
H
X
X
X
NOOPERATION(NOP/Continuepreviousoperation)
L
H
H
H
Idle
ACTIVE(Selectandactivaterow)
L
L
H
H
AUTOREFRESH(7)
L
L
L
H
LOADMODEREGISTER(7)
L
L
L
L
PRECHARGE(11)
L
L
H
L
RowActive
READ(SelectcolumnandstartREADburst)(10)
L
H
L
H
WRITE(SelectcolumnandstartWRITEburst)(10)
L
H
L
L
PRECHARGE(Deactivaterowinbankorbanks)(8)
L
L
H
L
Read
READ(SelectcolumnandstartnewREADburst)(10)
L
H
L
H
(Auto
WRITE(SelectcolumnandstartWRITEburst)(10)
L
H
L
L
Precharge
PRECHARGE(TruncateREADburst,startPRECHARGE)(8)
L
L
H
L
Disabled)
BURSTTERMINATE(9)
L
H
H
L
Write
READ(SelectcolumnandstartREADburst)(10)
L
H
L
H
(Auto
WRITE(SelectcolumnandstartnewWRITEburst)(10)
L
H
L
L
Precharge
PRECHARGE(TruncateWRITEburst,startPRECHARGE)(8)
L
L
H
L
Disabled)
BURSTTERMINATE(9)
L
H
H
L
NOTE:
1.ThistableapplieswhenCKEn-1wasHIGHandCKEnisHIGH(seeTruthTable-CKE)andaftertxsr has been met (if the
previous state was SELFREFRESH).
2.Thistableisbank-specific,exceptwherenoted;i.e.,thecurrentstateisforaspecificbankandthecommandsshownarethose
allowedtobeissuedtothatbankwheninthatstate.Exceptionsarecoveredinthenotesbelow.
TRUTH TABLE – CKE (1-4)
CURRENT STATE
COMMANDn
ACTIONn
CKEn-1
CKEn
Power-Down
X
MaintainPower-Down
L
L
SelfRefresh
X
MaintainSelfRefresh
L
L
ClockSuspend
X
MaintainClockSuspend
L
L
Power-Down(5)
COMMANDINHIBITorNOP
ExitPower-Down
L
H
SelfRefresh(6)
COMMANDINHIBITorNOP
ExitSelfRefresh
L
H
Clock Suspend(7)
X
ExitClockSuspend
L
H
AllBanksIdle
COMMANDINHIBITorNOP
Power-DownEntry
H
L
AllBanksIdle
AUTOREFRESH
SelfRefreshEntry
H
L
ReadingorWriting
VALID
ClockSuspendEntry
H
L
See TRUTH TABLE – CURRENT STATE BANK n, COMMAND TO BANK n
H
H
NOTES:
1. CKEnisthelogicstateofCKEatclockedgen;CKEn-1 wasthestateofCKEatthepreviousclockedge.
2. CurrentstateisthestateoftheSDRAMimmediatelypriortoclockedgen.
3. COMMANDnisthecommandregisteredatclockedgen,andACTONnisaresultofCOMMANDn.
4. All states and sequences not shown are illegal or reserved.
5. Exitingpower-downatclockedgen will put the device in the all banks idle state in time for clock edge n+1 (provided that tcks is
met).
6. Exitingselfrefreshatclockedgen will put the device in all banks idle state once txsrismet.COMMANDINHIBITorNOP
commands should be issued on clock edges occurring during the txsrperiod.AminimumoftwoNOPcommandsmustbesent
during txsr period.
7. Afterexitingclocksuspendatclockedgen,thedevicewillresumeoperationandrecognizethenextcommandatclockedge
n+1.


Similar Part No. - IS45S16400F-6TLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S16400C1 ISSI-IS45S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400C1-7TA1 ISSI-IS45S16400C1-7TA1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400C1-7TLA ISSI-IS45S16400C1-7TLA Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400C1-7TLA1 ISSI-IS45S16400C1-7TLA1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400E ISSI-IS45S16400E Datasheet
849Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS45S16400F-6TLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16400E ISSI-IS42S16400E Datasheet
848Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S16400B ETC-IS42S16400B Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS45S16400C1 ISSI-IS45S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400_08 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400C1 ISSI-IS42S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400D ISSI-IS42S16400D Datasheet
562Kb / 57P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com