Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42S16320B-6BLI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS42S16320B-6BLI
Description  64M x 8, 32M x 16 512Mb SYNCHRONOUS DRAM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16320B-6BLI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS42S16320B-6BLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S16320B-6BLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S16320B-6BLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S16320B-6BLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S16320B-6BLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16320B-6BLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16320B-6BLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16320B-6BLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16320B-6BLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
IS42S86400B
IS42S16320B, IS45S16320B
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev. C
08/27/09
Copyright © 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time with-
out notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain
the latest version of this device specification before relying on any published information and before placing orders for products.
FEATURES
• Clockfrequency:166,143,133MHz
• Fullysynchronous;allsignalsreferencedtoa
positive clock edge
• Internalbankforhidingrowaccess/precharge
• Powersupply
Vdd
Vddq
IS42/45S16320B 3.3V 3.3V
IS42S86400B
3.3V 3.3V
• LVTTLinterface
• Programmableburstlength
–(1,2,4,8,fullpage)
• Programmableburstsequence:
Sequential/Interleave
• AutoRefresh(CBR)
• SelfRefresh
• 8Krefreshcyclesevery64ms
• Randomcolumnaddresseveryclockcycle
• ProgrammableCASlatency(2,3clocks)
• Burstread/writeandburstread/singlewrite
operations capability
• Burstterminationbyburststopandprecharge
command
• Availablein54-pinTSOP-IIand54-ballW-BGA
(x16only)
• OperatingTemperatureRange:
Commercial:0oC to +70oC
Industrial:-40oCto+85oC
Automotive,A1:-40oCto+85oC
OVERVIEW
ISSI's512MbSynchronousDRAMachieveshigh-speed
data transfer using pipeline architecture. All inputs and
outputs signals refer to the rising edge of the clock input.
The512MbSDRAMisorganizedasfollows.
64M x 8, 32M x 16
512Mb SYNCHRONOUS DRAM
SEPTEMBER 2009
KEY TIMING PARAMETERS
Parameter
-6
-7
-75E Unit
ClkCycleTime
CAS
Latency=3
6
7
ns
CAS
Latency=2
10
10
7.5
ns
ClkFrequency
CAS
Latency=3
166
143
Mhz
CAS
Latency=2
100
100
133
Mhz
AccessTimefromClock
CAS
Latency=3
5.4
5.4
ns
CAS
Latency=2
6
6
5.5
ns
IS42S86400B
IS42/45S16320B
16Mx8x4Banks
8Mx16x4Banks
54-pinTSOPII
54-pinTSOPII
54-ballW-BGA


Similar Part No. - IS42S16320B-6BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16320D ISSI-IS42S16320D Datasheet
1Mb / 66P
   Internal bank for hiding row access/precharge
IS42S16320F ISSI-IS42S16320F Datasheet
1Mb / 68P
   8K refresh cycles every 64 ms
More results

Similar Description - IS42S16320B-6BLI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C32M16D1A ALSC-AS4C32M16D1A Datasheet
1Mb / 64P
   32M x 16 bit DDR Synchronous DRAM
logo
Etron Technology, Inc.
EM6AB160TSE-4G ETRON-EM6AB160TSE-4G Datasheet
560Kb / 62P
   32M x 16 bit DDR Synchronous DRAM
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
EM63B165TS-5ISG ETRON-EM63B165TS-5ISG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C32M8SA-7TCN ALSC-AS4C32M8SA-7TCN Datasheet
1Mb / 55P
   32M x 8 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68B16CWQH-18H ETRON-EM68B16CWQH-18H Datasheet
1Mb / 60P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM6GC16EWKE-15H ETRON-EM6GC16EWKE-15H Datasheet
835Kb / 85P
   64M x 16 bit DDR3 Synchronous DRAM (SDRAM)
EM68C16CWQG-18H ETRON-EM68C16CWQG-18H Datasheet
1Mb / 60P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18H ETRON-EM68C16CWQE-18H Datasheet
1Mb / 58P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18IH ETRON-EM68C16CWQE-18IH Datasheet
1,005Kb / 56P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com