Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42S16320B-6TLI Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS42S16320B-6TLI
Description  64M x 8, 32M x 16 512Mb SYNCHRONOUS DRAM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16320B-6TLI Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS42S16320B-6TLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16320B-6TLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16320B-6TLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16320B-6TLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42S16320B-6TLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42S16320B-6TLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS42S16320B-6TLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS42S16320B-6TLI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS42S16320B-6TLI Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com
Rev. C
08/27/09
IS42S86400B, IS42/45S16320B
Current State
CS
RAS CAS
WE
Address
Command
Action
Idle
H
X
X
X
X
DESL
NoporPowerDown(2)
L
H
H
H
X
NOP
NoporPowerDown(2)
L
H
H
L
X
BST
NoporPowerDown
L
H
L
H
BA,CA,A10
READ/READA
ILLEGAL(3)
L
H
L
L
A,CA,A10
WRIT/WRITA
ILLEGAL(3)
L
L
H
H
BA,RA
ACT
Rowactivating
L
L
H
L
BA,A10
PRE/PALL
Nop
L
L
L
H
X
REF/SELF
AutorefreshorSelf-refresh(4)
L
L
L
L
OC,BA1=L
MRS
Moderegisterset
RowActive
H
X
X
X
X
DESL
Nop
L
H
H
H
X
NOP
Nop
L
H
H
L
X
BST
Nop
L
H
L
H
BA,CA,A10
READ/READA
Beginread(5)
L
H
L
L
BA,CA,A10
WRIT/WRITA
Beginwrite(5)
L
L
H
H
BA,RA
ACT
ILLEGAL(3)
L
L
H
L
BA,A10
PRE/PALL
Precharge
Prechargeallbanks(6)
L
L
L
H
X
REF/SELF
ILLEGAL
L
L
L
L
OC,BA
MRS
ILLEGAL
Read
H
X
X
X
X
DESL
Continuebursttoendto
Rowactive
L
H
H
H
X
NOP
ContinuebursttoendRow
Rowactive
L
H
H
L
X
BST
Burststop,Rowactive
L
H
L
H
BA,CA,A10
READ/READA
Terminateburst,
begin new read (7)
L
H
L
L
BA,CA,A10
WRIT/WRITA
Terminateburst,
begin write (7,8)
L
L
H
H
BA,RA
ACT
ILLEGAL(3)
L
L
H
L
BA,A10
PRE/PALL
Terminateburst
Precharging
L
L
L
H
X
REF/SELF
ILLEGAL
L
L
L
L
OC,BA
MRS
ILLEGAL
Write
H
X
X
X
X
DESL
Continuebursttoend
Writerecovering
L
H
H
H
X
NOP
Continuebursttoend
Writerecovering
L
H
H
L
X
BST
Burststop,Rowactive
L
H
L
H
BA,CA,A10
READ/READA
Terminateburst,startread:
DetermineAP(7,8)
L
H
L
L
BA,CA,A10
WRIT/WRITA
Terminateburst,newwrite:
DetermineAP(7)
L
L
H
H
BA,RA
RAACT
ILLEGAL(3)
L
L
H
L
BA,A10
PRE/PALL
TerminateburstPrecharging(9)
L
L
L
H
X
REF/SELF
ILLEGAL
L
L
L
L
OC,BA
MRS
ILLEGAL
FUNCTIONAL TRUTH TABLE
Note:H=Vih,L=Vilx=Vih or Vil,V=ValidData,BA=BankAddress,CA+ColumnAddress,RA=RowAddress,OC=Op-Code


Similar Part No. - IS42S16320B-6TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16320D ISSI-IS42S16320D Datasheet
1Mb / 66P
   Internal bank for hiding row access/precharge
IS42S16320F ISSI-IS42S16320F Datasheet
1Mb / 68P
   8K refresh cycles every 64 ms
More results

Similar Description - IS42S16320B-6TLI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C32M16D1A ALSC-AS4C32M16D1A Datasheet
1Mb / 64P
   32M x 16 bit DDR Synchronous DRAM
logo
Etron Technology, Inc.
EM6AB160TSE-4G ETRON-EM6AB160TSE-4G Datasheet
560Kb / 62P
   32M x 16 bit DDR Synchronous DRAM
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
EM63B165TS-5ISG ETRON-EM63B165TS-5ISG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C32M8SA-7TCN ALSC-AS4C32M8SA-7TCN Datasheet
1Mb / 55P
   32M x 8 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68B16CWQH-18H ETRON-EM68B16CWQH-18H Datasheet
1Mb / 60P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM6GC16EWKE-15H ETRON-EM6GC16EWKE-15H Datasheet
835Kb / 85P
   64M x 16 bit DDR3 Synchronous DRAM (SDRAM)
EM68C16CWQG-18H ETRON-EM68C16CWQG-18H Datasheet
1Mb / 60P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18H ETRON-EM68C16CWQE-18H Datasheet
1Mb / 58P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18IH ETRON-EM68C16CWQE-18IH Datasheet
1,005Kb / 56P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com