Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-3012KD Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # SI-3012KD
Description  Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3012KD Datasheet(HTML) 1 Page - Allegro MicroSystems

  SI-3012KD Datasheet HTML 1Page - Allegro MicroSystems SI-3012KD Datasheet HTML 2Page - Allegro MicroSystems SI-3012KD Datasheet HTML 3Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
20
ICs
1-1-1 Linear Regulator ICs
■Features
• Compact surface-mount package (TO263-5)
• Output current: 1.0A
•Low dropout voltage: VDIF
≤ 0.6V (at IO = 1.0A)
•Low circuit current consumption: Iq
≤ 350
µA
(600
µA for SI-3010KD, SI-3050KD
• Low circuit current at output OFF: Iq (OFF)
≤ 1
µA
• Built-in overcurrent, thermal protection circuits
• Compatible with low ESR capacitors (SI-3012KD
and SI-3033KD)
■Absolute Maximum Ratings
Unit
V
A
W
°C
°C
°C/W
°C/W
Symbol
VIN
IO
PD*2
Tj
Tstg
θj-a
θj-c
Parameter
DC Input Voltage
DC Output Current
Power Dissipation
Junction Temperature
Storage Temperature
Thermal Resistance (Junction to Ambient Air)
Thermal Resistance (Junction to Case)
*1: A built-in input-overvoltage-protection circuit shuts down the output voltage at the Input Overvoltage Shutdown Voltage
of the electrical characteristics.
*2: When mounted on glass-epoxy board of 1600mm2 (copper laminate area 100%).
(Ta=25
°C)
■Electrical Characteristics 1 (Low VO type compatible with low ESR output capacitor)
Ratings
SI-3012KD/3033KD
SI-3010KD/3050KD
17
35*1
1.0
3
–30 to +125
–30 to +125
33.3
3
Unit
V
V
mV
mV
V
µA
µA
mV/
°C
dB
A
V
µA
µA
Parameter
Input Voltage
Output Voltage
(Reference Voltage for SI-3012KD)
Line Regulation
Load Regulation
Dropout Voltage
Quiescent Circuit Current
Circuit Current at Output OFF
Temperature Coefficient of
Output Voltage
Ripple Rejection
Overcurrent Protection Starting
Current*1
Control Voltage (Output ON)*2
Control Voltage (Output OFF)
VC
Control Current (Output ON)
Terminal
Control Current (Output OFF)
Symbol
VIN
VO (VADJ)
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
VDIF
Conditions
Conditions
Iq
Conditions
Iq (OFF)
Conditions
∆VO/∆Ta
Conditions
RREJ
Conditions
IS1
Conditions
VC, IH
VC, IL
IC, IH
Conditions
IC, IL
Conditions
*1: IS1 is specified at the 5% drop point of output voltage VO under the condition of Output Voltage parameter.
*2: Output is OFF when the output control terminal (VC terminal) is open. Each input level is equivalent to LS-TTL level. Therefore, the device can be driven directly by LS-TTLs.
*3: Refer to the Dropout Voltage parameter.
*4: VIN (max) and IO (max) are restricted by the relation PD = (VIN - VO)
× IO. Please calculate these values referring to the Copper laminate area vs. Power dissipation data.
Ratings
SI-3012KD (Variable type)
SI-3033KD
min.
typ.
max.
min.
typ.
max.
2.4*3
*4
*3
*4
1.24
1.28
1.32
3.234
3.300
3.366
VIN=3.3V, IO=10mA
VIN=5V, IO=10mA
15
15
VIN=3.3 to 8V, IO=10mA (VO=2.5V)
VIN=5 to 10V, IO=10mA
40
50
VIN=3.3V, IO=0 to 1A (VO=2.5V)
VIN=5V, IO=0 to 1A
0.4
0.4
IO=0.5A (VO=2.5V)
IO=0.5A
0.6
0.6
IO=1A (VO=2.5V)
IO=1A
350
350
VIN=3.3V, IO=0A, VC=2V, R2=2.4k
VIN=5V, IO=0A,VC=2V
11
VIN=3.3V, VC=0V
VIN=5V, VC=0V
±0.3
±0.3
Tj=0 to 100
°C (VO=2.5V)
Tj=0 to 100
°C
55
55
VIN=3.3V, f=100 to 120HZ, IO=0.1A (VO=2.5V)
VIN=5V, f=100 to 120HZ, IO=0.1A
1.1
1.1
VIN=3.3V
VIN=5V
22
0.8
0.8
40
40
VC=2V
VC=2V
–5
0
–5
0
VC=0V
VC=0V
(Ta=25
°C, VC=2V unless otherwise specified)
Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KD Series
■Applications
• Secondary stabilized power supply (local power supply)


Similar Part No. - SI-3012KD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3012KD SANKEN-SI-3012KD Datasheet
69Kb / 3P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3012KD SANKEN-SI-3012KD Datasheet
94Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results

Similar Description - SI-3012KD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000LLSL SANKEN-SI-3000LLSL Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3010KM SANKEN-SI-3010KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000LSA SANKEN-SI-3000LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KD SANKEN-SI-3000KD Datasheet
69Kb / 3P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3012KM ALLEGRO-SI-3012KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3012KS ALLEGRO-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000KFE SANKEN-SI-3000KFE Datasheet
56Kb / 2P
   Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com