Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-R3132H Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-R3132H
Description  Chip material: GaAsP/GaP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-R3132H Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BL-R3132H Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-R3132H Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--R
R3
31
13
32
2H
H
Ver.1.0 Page 2 of 2
SINCE 1981
Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20mA
-
2.1
2.6
V
Luminous Intensity
Iv
IF=20mA
-
4.5
-
mcd
Reverse Current
IR
VR=5V
-
-
100
µA
Peak Wave Length
λp
IF=20mA
-
585
-
nm
Dominant Wave Length
λd
IF=20mA
582
-
595
nm
Spectral Line Half-width
Δλ
IF=20mA
-
35
-
nm
Viewing Angle
2
θ
1/2
IF=20mA
-
125
-
deg
● Typical electro-optical characteristics curves
vs. Ambient temperature
3.0
0
1.0
2.0
20
10
30
40
50
4.0
0
20
10
30
40
50
2
1
35
4
535
0
0.5
1.0
585
635
0.5
-40
0
-20
0
20
2.0
1.0
1.5
2.5
3.0
40
60
0
20
10
10
30
20
40
60
40
50
60
100
80
Forward current (mA)
Fig.5 Relative luminous intensity
vs. Forward current
Forward voltage(V)
0.7
0.9
0.8
1.0
0.5
0.3
0.1
0.2
70
90
80
0.4
0.6
50
60
40
Ambient temperature Ta()
Fig.6 Radiation diagram
0
10
30
20
Fig.3 Forward current vs. Forward voltage
Fig.1 Relative intensity vs. Wavelength
Wavelength
λ (nm)
Fig.4 Relative luminous intensity
Fig.2 Forward current derating curve
vs. Ambient temperature
Ambient temperature Ta()
PDF 檔案以 pdfFactory Pro 試用版建立 www.pdffactory.com


Similar Part No. - BL-R3132H

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-R3132H YSTONE-BL-R3132H Datasheet
641Kb / 2P
   STANDARD LED LAMPS(RECTANGULAR TYPES)
More results

Similar Description - BL-R3132H

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-B3134-AA-AV BRIGHT-BL-B3134-AA-AV Datasheet
145Kb / 3P
   Chip material: GaAsP/GaP
BL-B3134-S-AT BRIGHT-BL-B3134-S-AT Datasheet
136Kb / 3P
   Chip material: GaAsP /GaP
BL-R4532N BRIGHT-BL-R4532N Datasheet
157Kb / 2P
   Chip material: GaAsP/GaP
BL-B3132-AT BRIGHT-BL-B3132-AT Datasheet
173Kb / 3P
   Chip material: GaAsP/GaP
BL-B3133N-AT BRIGHT-BL-B3133N-AT Datasheet
149Kb / 3P
   Chip material: GaAsP/GaP
BL-B3441 BRIGHT-BL-B3441 Datasheet
145Kb / 2P
   Chip material: GaAsP/GaP
BL-BEG202 BRIGHT-BL-BEG202 Datasheet
192Kb / 2P
   Chip material: GaAsP/GaP
BL-BVT204-S-TBS18T BRIGHT-BL-BVT204-S-TBS18T Datasheet
149Kb / 3P
   Chip material: GaAsP/GaP
BL-B3141N-AT BRIGHT-BL-B3141N-AT Datasheet
159Kb / 3P
   Chip material: GaAsP/GaP
BL-R3139B BRIGHT-BL-R3139B Datasheet
132Kb / 2P
   Chip material: GaAsP /GaP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com