Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3631 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3631
Description  High Speed, Dual, 2 A MOSFET Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3631 Datasheet(HTML) 3 Page - Analog Devices

  ADP3631 Datasheet HTML 1Page - Analog Devices ADP3631 Datasheet HTML 2Page - Analog Devices ADP3631 Datasheet HTML 3Page - Analog Devices ADP3631 Datasheet HTML 4Page - Analog Devices ADP3631 Datasheet HTML 5Page - Analog Devices ADP3631 Datasheet HTML 6Page - Analog Devices ADP3631 Datasheet HTML 7Page - Analog Devices ADP3631 Datasheet HTML 8Page - Analog Devices ADP3631 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADP3629/ADP3630/ADP3631
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VDD = 12 V, TJ = −40°C to +125°C, unless otherwise noted.1
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLY
Supply Voltage Range
VDD
9.5
18
V
Supply Current
IDD
No switching, INA, INA, INB, and INB
disabled
1.2
3
mA
Standby Current
ISBY
SD = 5 V
1.2
3
mA
UVLO
Turn-On Threshold Voltage
VUVLO_ON
VDD rising, TA = 25°C
8.0
8.7
9.5
V
Turn-Off Threshold Voltage
VUVLO_OFF
VDD falling, TA = 25°C
7.0
7.7
8.5
V
Hysteresis
1.0
V
DIGITAL INPUTS (INA, INA, INB, INB, SD)
Input Voltage High
VIH
2.0
V
Input Voltage Low
VIL
0.8
V
Input Current
IIN
0 V < VIN < VDD
−20
+20
μA
SD Threshold High
VSD_H
1.19
1.28
1.38
V
TA = 25°C
1.21
1.28
1.35
V
SD Threshold Low
VSD_L
TA = 25°C
0.95
1.0
1.05
V
SD Hysteresis
VSD_HYST
TA = 25°C
240
280
320
mV
Internal Pull-Up/Pull-Down Current
6
μA
OUTPUTS (OUTA, OUTB)
Output Resistance, Unbiased
VDD = PGND
80
Peak Source Current
See Figure 20
2
A
Peak Sink Current
See Figure 20
−2
A
SWITCHING TIME
OUTA, OUTB Rise Time
tRISE
CLOAD = 2.2 nF, see Figure 3 and Figure 4
10
25
ns
OUTA, OUTB Fall Time
tFALL
CLOAD = 2.2 nF, see Figure 3 and Figure 4
10
25
ns
OUTA, OUTB Rising Propagation Delay
tD1
CLOAD = 2.2 nF, see Figure 3 and Figure 4
14
30
ns
OUTA, OUTB Falling Propagation Delay
tD2
CLOAD = 2.2 nF, see Figure 3 and Figure 4
22
35
ns
SD Propagation Delay Low
tdL_SD
See Figure 2
32
45
ns
SD Propagation Delay High
tdH_SD
See Figure 2
48
75
ns
Delay Matching Between Channels
2
ns
OVERTEMPERATURE PROTECTION
Overtemperature Warning Threshold
TW
See Figure 6
120
135
150
°C
Overtemperature Shutdown Threshold
TSD
See Figure 6
150
165
180
°C
Temperature Hysteresis for Shutdown
THYS_SD
See Figure 6
30
°C
Temperature Hysteresis for Warning
THYS_W
See Figure 6
10
°C
Overtemperature Warning Low
VOTW_OL
Open drain, −500 μA
0.4
V
1 All limits at temperature extremes guaranteed via correlation using standard statistical quality control (SQC) methods.


Similar Part No. - ADP3631

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3633 AD-ADP3633 Datasheet
316Kb / 16P
   High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
REV. A
ADP3633ARDZ-RL AD-ADP3633ARDZ-RL Datasheet
316Kb / 16P
   High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
REV. A
ADP3633ARHZ-RL AD-ADP3633ARHZ-RL Datasheet
316Kb / 16P
   High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
REV. A
ADP3634 AD-ADP3634 Datasheet
316Kb / 16P
   High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
REV. A
ADP3634ARDZ AD-ADP3634ARDZ Datasheet
316Kb / 16P
   High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
REV. A
More results

Similar Description - ADP3631

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3654 AD-ADP3654 Datasheet
297Kb / 12P
   High Speed, Dual, 4 A MOSFET Driver
REV. 0
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com