Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1043AACPZ-RL Datasheet(PDF) 38 Page - Analog Devices

Part # ADP1043AACPZ-RL
Description  Digital Controller for Isolated Power Supply Applications
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1043AACPZ-RL Datasheet(HTML) 38 Page - Analog Devices

Back Button ADP1043AACPZ-RL Datasheet HTML 34Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 35Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 36Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 37Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 38Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 39Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 40Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 41Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
ADP1043A
Rev. 0 | Page 38 of 72
VALUE REGISTERS
Table 16. Register 0x10—First Flag ID
Bits
Name
R/W
Description
[7:4]
Reserved
R
Reserved.
[3:0]
First flag ID
R
These bits record the flag that was set first. Restarting the power supply resets this register.
Reading this register also resets the register.
Bit 3
Bit 2
Bit 1
Bit 0
Flag
Error
0
0
0
0
None
No flag
0
0
0
1
Register 0x01, Bit 3
VCORE OV
0
0
1
0
Register 0x01, Bit 2
VDD OV
0
0
1
1
Register 0x03, Bit 1
EEPROM CRC
0
1
0
0
Register 0x00, Bit 2
CS1 fast OCP
0
1
0
1
Register 0x00, Bit 1
CS1 accurate OCP
0
1
1
0
Register 0x00, Bit 0
CS2 accurate OCP
0
1
1
1
Register 0x01, Bit 1
Load OVP
1
0
0
0
Register 0x01, Bit 0
Local OVP
1
0
0
1
Register 0x02, Bit 0
FLAGIN
1
0
1
0
Register 0x02, Bit 7
OTP
1
0
1
1
Register 0x01, Bit 6
UVP
1
1
0
0
Register 0x01, Bit 5
Reverse voltage
1
1
0
1
Register 0x01, Bit 7
Voltage continuity
1
1
1
0
Register 0x02, Bit 5
Share bus
1
1
1
1
Register 0x03, Bit 2
ACSNS
Table 17. Register 0x12—VS1/PWM Value (Input Voltage)
Bits
Name
R/W
Description
[15:0]
Input voltage value
R
This register contains the 16-bit input voltage information. Because the input voltage is normally on the
other side of the isolation barrier from the ADP1043A, the part does not directly sense the input
voltage. The input voltage is defined as the VS1 voltage divided by the PWM modulation. To read
the input voltage information, this register must be read using two consecutive read operations.
The eight bits of the first read return the eight MSBs of the input voltage information. The eight bits
of the second read return the eight LSBs of the input voltage information. To translate this reading
into the real input voltage, use the following equation:
VINPUT = (Input_Voltage_Value_Reading/2643) × ((R1 + R2)/R2)
where R1 and R2 are the external resistor divider values between the power supply output and the
VS1 pin. This reading does not take into account an external turns ratio on the main transformer.
Table 18. Register 0x13—CS1 Value (Input Current)
Bits
Name
R/W
Description
[15:4]
Input current value
R
This register contains the 12-bit input current information. This value is derived from a voltage
measurement at the CS1 input. To read the input current information, this register must be read
using two consecutive read operations. The eight bits of the first read return the eight MSBs of the
input current information. The top four bits of the second read return the four LSBs of the input
current information. The range of the CS1 input pin is from 0 V to 1.38 V. This value has 12 bits of
resolution, which results in an LSB size of 337 μV. At 0 V input, the value in this register is 0 (0x000).
At 1.3 V input, the value in this register is 3856 (0xF10). The nominal voltage at this pin is 1 V.
At 1 V input, the value in this register is 2968 (0xB98).
[3:0]
Reserved
R
Reserved.
Table 19. Register 0x14—CS1 × (VS1/PWM) Value (Input Power)
Bits
Name
R/W
Description
[15:0]
Input power value
R
This register contains the 16-bit input power information. This value is the product of the input
voltage (VS1/PWM) multiplied by the input current (CS1), that is, (VS1/PWM) × CS1. To read the
input power information, this register must be read using two consecutive read operations. The
eight bits of the first read return the eight MSBs of the input power information. The eight bits of
the second read return the eight LSBs of the input power information.


Similar Part No. - ADP1043AACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
More results

Similar Description - ADP1043AACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. B
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
   Digital Controller for Power Supply Applications with PMBus Interface
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com