Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP123 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP123
Description  5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP123 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP123 Datasheet HTML 2Page - Analog Devices ADP123 Datasheet HTML 3Page - Analog Devices ADP123 Datasheet HTML 4Page - Analog Devices ADP123 Datasheet HTML 5Page - Analog Devices ADP123 Datasheet HTML 6Page - Analog Devices ADP123 Datasheet HTML 7Page - Analog Devices ADP123 Datasheet HTML 8Page - Analog Devices ADP123 Datasheet HTML 9Page - Analog Devices ADP123 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADP122/ADP123
Rev. 0 | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADP122
TOP VIEW
(Not to Scale)
1
VIN
2
GND
3
EN
5
VOUT
5
VOUT
1
VIN
ADP123
TOP VIEW
(Not to Scale)
2
GND
4
NC
NC = NO CONNECT
Figure 3. ADP122 Fixed Output Pin Configuration
4
ADJ
3
EN
Figure 4. ADP123 Adjustable Output Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
ADP122
ADP123
Mnemonic
Description
1
1
VIN
Regulator Input Supply. Bypass VIN to GND with a capacitor of at least 1 μF.
2
2
GND
Ground.
3
3
EN
Enable Input. Drive EN high to turn on the regulator; drive EN low to turn off the regulator. For
automatic startup, connect EN to VIN.
N/A
4
ADJ
Output Voltage Adjust Input. Connect the midpoint of an external divider from VOUT to GND to this
pin to set the output voltage.
4
N/A
NC
Not Connected Internally.
5
5
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a capacitor of at least 1 μF.


Similar Part No. - ADP123

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP123-EVALZ AD-ADP123-EVALZ Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP123-EVALZ AD-ADP123-EVALZ Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
logo
List of Unclassifed Man...
ADP1231 ETC-ADP1231 Datasheet
72Kb / 4P
   PRECISION SEMICONDUCTOR PRESSURE SENSOR
ADP1232 ETC-ADP1232 Datasheet
72Kb / 4P
   PRECISION SEMICONDUCTOR PRESSURE SENSOR
logo
Analog Devices
ADP123ACPZ-R7 AD-ADP123ACPZ-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
More results

Similar Description - ADP123

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP124ACPZ-1.8-R7 AD-ADP124ACPZ-1.8-R7 Datasheet
632Kb / 20P
   5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. C
ADP124 AD-ADP124 Datasheet
676Kb / 20P
   5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. 0
ADP125ACPZ-R7 AD-ADP125ACPZ-R7 Datasheet
632Kb / 20P
   5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. C
ADP170 AD-ADP170 Datasheet
538Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulators
REV. B
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com