Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5367-EVALZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5367-EVALZ
Description  500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5367-EVALZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5367-EVALZ Datasheet HTML 7Page - Analog Devices ADL5367-EVALZ Datasheet HTML 8Page - Analog Devices ADL5367-EVALZ Datasheet HTML 9Page - Analog Devices ADL5367-EVALZ Datasheet HTML 10Page - Analog Devices ADL5367-EVALZ Datasheet HTML 11Page - Analog Devices ADL5367-EVALZ Datasheet HTML 12Page - Analog Devices ADL5367-EVALZ Datasheet HTML 13Page - Analog Devices ADL5367-EVALZ Datasheet HTML 14Page - Analog Devices ADL5367-EVALZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADL5367
Rev. 0 | Page 11 of 24
VS = 5 V, IS = 97 mA, TA = 25°C, fRF = 900 MHz, fLO = 1103 MHz, LO power = 0 dBm, VGS0 = VGS1 = 0 V, and ZO = 50 Ω, unless
otherwise noted.
100
80
60
40
20
0
7.2
7.8
8.0
7.6
CONVERSION LOSS (dB)
7.4
8.2
MEAN: 7.7
STANDARD DEVIATION: 0.18
Figure 23. Conversion Loss Distribution
100
80
60
40
20
0
31
37
39
35
33
INPUT IP3 (dBm)
MEAN: 34.67
STANDARD DEVIATION: 0.19
Figure 24. Input IP3 Distribution
0
10
20
30
40
50
60
70
80
90
100
7.8
8.0
8.2
8.4
NOISE FIGURE (dB)
8.6
8.8
9.0
MEAN: 8.3
STANDARD DEVIATION: 0.05
Figure 25. SSB Noise Figure Distribution
IF FREQUENCY (MHz)
30
80
130
180
230
280
330
380
430
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
36.5
36.0
35.5
35.0
34.5
34.0
33.5
33.0
32.5
32.0
31.5
31.0
30.5
Figure 26. IF Port Return Loss
0
20
15
10
5
25
700
750
800
850
900
950
1000 1050 1100 1150 1200
RF FREQUENCY (MHz)
Figure 27. RF Port Return Loss, Fixed IF
20
18
16
14
12
10
8
6
4
2
0
900
950
1000 1050 1100 1150 1200 1250 1300 1350 1400
LO FREQUENCY (MHz)
SELECTED
UNSELECTED
Figure 28. LO Return Loss, Selected and Unselected


Similar Part No. - ADL5367-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5367 AD-ADL5367 Datasheet
990Kb / 24P
   2300 MHz to 2900 MHz Balanced Mixer
REV. 0
ADL5367 AD-ADL5367 Datasheet
486Kb / 23P
   300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
ADL5367 AD-ADL5367 Datasheet
438Kb / 24P
   2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
More results

Similar Description - ADL5367-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5357 AD-ADL5357 Datasheet
593Kb / 24P
   500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5358 AD-ADL5358 Datasheet
404Kb / 24P
   500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5369 AD-ADL5369 Datasheet
486Kb / 23P
   300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
ADL5365 AD-ADL5365 Datasheet
581Kb / 24P
   1200 MHz to 2500 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5355 AD-ADL5355 Datasheet
591Kb / 24P
   1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5356 AD-ADL5356 Datasheet
493Kb / 24P
   1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5354 AD-ADL5354 Datasheet
438Kb / 24P
   2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
logo
Tyco Electronics
MA4EX585L-1225T MACOM-MA4EX585L-1225T Datasheet
114Kb / 4P
   Silicon Double Balanced HMIC Mixer LO=3300 MHz, RF=5800 MHz
logo
Analog Devices
ADL5360 AD-ADL5360 Datasheet
479Kb / 9P
   Dual 900MHz Balanced Mixer with Low Side LO Buffer, IF Amp, and RF Balun
REV. PrA
logo
Tyco Electronics
MD-124 MACOM-MD-124 Datasheet
192Kb / 2P
   Double-Balanced Mixer, 500 KHz - 500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com