Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5365-EVALZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5365-EVALZ
Description  1200 MHz to 2500 MHz Balanced Mixer, LO Buffer and RF Balun
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5365-EVALZ Datasheet(HTML) 4 Page - Analog Devices

  ADL5365-EVALZ Datasheet HTML 1Page - Analog Devices ADL5365-EVALZ Datasheet HTML 2Page - Analog Devices ADL5365-EVALZ Datasheet HTML 3Page - Analog Devices ADL5365-EVALZ Datasheet HTML 4Page - Analog Devices ADL5365-EVALZ Datasheet HTML 5Page - Analog Devices ADL5365-EVALZ Datasheet HTML 6Page - Analog Devices ADL5365-EVALZ Datasheet HTML 7Page - Analog Devices ADL5365-EVALZ Datasheet HTML 8Page - Analog Devices ADL5365-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADL5365
Rev. 0 | Page 4 of 24
5 V PERFORMANCE
VS = 5 V, IS = 95 mA, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, LO power = 0 dBm, VGS0 = VGS1 = 0 V, and ZO = 50 Ω, unless
otherwise noted.
Table 3.
Parameter
Test Conditions\Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Power Conversion Loss
Including 1:1 IF port transformer and PCB loss
6.5
7.3
8.4
dB
Voltage Conversion Loss
ZSOURCE = 50 Ω, differential ZLOAD = 50 Ω differential
dB
SSB Noise Figure
8.3
dB
SSB Noise Figure Under Blocking
5 dBm blocker present ±10 MHz from wanted RF input,
LO source filtered
18.5
dB
Input Third-Order Intercept (IIP3)
fRF1 = 1899.5 MHz, fRF2 = 1900.5 MHz, fLO = 1697MHz,
each RF tone at 0 dBm
27
36
dBm
Input Second-Order Intercept (IIP2)
fRF1 = 1950 MHz, fRF2 = 1900 MHz, fLO = 1697 MHz,
each RF tone at 0 dBm
67
dBm
Input 1 dB Compression Point (IP1dB)1
Exceeding 20 dBm RF power results in damage to the device
25
dBm
LO-to-IF Leakage
Unfiltered IF output
−18
dBm
LO-to-RF Leakage
−33
dBm
RF-to-IF Isolation
−50
dBc
IF/2 Spurious
0 dBm input power
−65
dBc
IF/3 Spurious
0 dBm input power
−71
dBc
POWER SUPPLY
Positive Supply Voltage
4.5
5
5.5
V
Quiescent Current
Resistor programmable
95
mA
1Exceeding 20 dBm RF power results in damage to the device.
3.3 V PERFORMANCE
VS = 3.3 V, IS = 56 mA, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, LO power = 0 dBm, R9 = 226 Ω, VGS0 = VGS1 = 0 V, and ZO = 50 Ω,
unless otherwise noted.
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Power Conversion Loss
Including 1:1 IF port transformer and PCB loss
7.4
dB
Voltage Conversion Loss
ZSOURCE = 50 Ω, differential ZLOAD = 50 Ω differential
7.1
dB
SSB Noise Figure
8.4
dB
Input Third-Order Intercept (IIP3)
fRF1 = 1899.5 MHz, fRF2 = 1900.5 MHz, fLO = 1697 MHz,
each RF tone at 0 dBm
32
dBm
Input Second-Order Intercept (IIP2)
fRF1 = 1950 MHz, fRF2 = 1900 MHz, fLO = 1697 MHz,
each RF tone at 0 dBm
58
dBm
POWER INTERFACE
Supply Voltage
3.0
3.3
3.6
V
Quiescent Current
Resistor programmable
56
mA
Power-Down Current
Device disabled
150
μA


Similar Part No. - ADL5365-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5365 AD-ADL5365 Datasheet
990Kb / 24P
   2300 MHz to 2900 MHz Balanced Mixer
REV. 0
ADL5365 AD-ADL5365 Datasheet
486Kb / 23P
   300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
ADL5365 AD-ADL5365 Datasheet
438Kb / 24P
   2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
More results

Similar Description - ADL5365-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5355 AD-ADL5355 Datasheet
591Kb / 24P
   1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5356 AD-ADL5356 Datasheet
493Kb / 24P
   1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5367 AD-ADL5367 Datasheet
578Kb / 24P
   500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5369 AD-ADL5369 Datasheet
486Kb / 23P
   300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
ADL5357 AD-ADL5357 Datasheet
593Kb / 24P
   500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5358 AD-ADL5358 Datasheet
404Kb / 24P
   500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5354 AD-ADL5354 Datasheet
438Kb / 24P
   2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
logo
Tyco Electronics
MA4EX585L-1225T MACOM-MA4EX585L-1225T Datasheet
114Kb / 4P
   Silicon Double Balanced HMIC Mixer LO=3300 MHz, RF=5800 MHz
logo
Analog Devices
ADL5360 AD-ADL5360 Datasheet
479Kb / 9P
   Dual 900MHz Balanced Mixer with Low Side LO Buffer, IF Amp, and RF Balun
REV. PrA
logo
Tyco Electronics
MAMX-000950-1225MT MACOM-MAMX-000950-1225MT Datasheet
79Kb / 4P
   Silicon Doubled Balanced HMIC Mixer 700 - 2500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com