Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1606 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG1606
Description  4.5RON, 16-Channel, Differential 8-Channel, 짹5 V,12 V,5 V, and 3.3 V Multiplexers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1606 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG1606 Datasheet HTML 7Page - Analog Devices ADG1606 Datasheet HTML 8Page - Analog Devices ADG1606 Datasheet HTML 9Page - Analog Devices ADG1606 Datasheet HTML 10Page - Analog Devices ADG1606 Datasheet HTML 11Page - Analog Devices ADG1606 Datasheet HTML 12Page - Analog Devices ADG1606 Datasheet HTML 13Page - Analog Devices ADG1606 Datasheet HTML 14Page - Analog Devices ADG1606 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADG1606/ADG1607
Rev. 0 | Page 11 of 24
NC = NO CONNECT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DB
NC
S8B
S5B
S6B
S7B
VDD
VSS
S8A
S7A
S4A
S5A
S6A
S4B
S3B
S2B
NC
GND
S1B
S3A
S2A
S1A
A2
NC
A1
A0
EN
DA
ADG1607
TOP VIEW
(Not to Scale)
Figure 5. ADG1607 TSSOP Pin Configuration
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD TIED TO SUBSTRATE, VSS.
PIN 1
INDICATOR
1
S8B
2
S7B
3
S6B
4
S5B
5
S4B
6
S3B
7
S2B
8
S1B
24 S8A
23 S7A
22 S6A
21 S5A
20 S4A
19 S3A
18 S2A
17 S1A
TOP VIEW
(Not to Scale)
ADG1607
Figure 6. ADG1607 LFCSP_VQ Pin Configuration
Table 11. ADG1607 Pin Function Descriptions
Pin No.
TSSOP
LFCSP_VQ
Mnemonic
Description
1
29
VDD
Most Positive Power Supply Potential.
2
31
DB
Drain Terminal B. This pin can be an input or an output.
3, 13, 14
11, 12, 13, 26,
28, 30, 32
NC
No Connect.
4
1
S8B
Source Terminal 8B. This pin can be an input or an output.
5
2
S7B
Source Terminal 7B. This pin can be an input or an output.
6
3
S6B
Source Terminal 6B. This pin can be an input or an output.
7
4
S5B
Source Terminal 5B. This pin can be an input or an output.
8
5
S4B
Source Terminal 4B. This pin can be an input or an output.
9
6
S3B
Source Terminal 3B. This pin can be an input or an output.
10
7
S2B
Source Terminal 2B. This pin can be an input or an output.
11
8
S1B
Source Terminal 1B. This pin can be an input or an output.
12
9
GND
Ground (0 V) Reference.
15
10
A2
Logic Control Input.
16
14
A1
Logic Control Input.
17
15
A0
Logic Control Input.
18
16
EN
Active High Digital Input. When this pin is low, the device is disabled and all switches are
turned off. When this pin is high, the Ax logic inputs determine which switch is turned on.
19
17
S1A
Source Terminal 1A. This pin can be an input or an output.
20
18
S2A
Source Terminal 2A. This pin can be an input or an output.
21
19
S3A
Source Terminal 3A. This pin can be an input or an output.
22
20
S4A
Source Terminal 4A. This pin can be an input or an output.
23
21
S5A
Source Terminal 5A. This pin can be an input or an output.
24
22
S6A
Source Terminal 6A. This pin can be an input or an output.
25
23
S7A
Source Terminal 7A. This pin can be an input or an output.
26
24
S8A
Source Terminal 8A. This pin can be an input or an output.
27
25
VSS
Most Negative Power Supply Potential. In single-supply applications, this pin can be
connected to ground.
28
27
DA
Drain Terminal A. This pin can be an input or an output.
EPAD
Exposed Pad
The exposed pad is connected internally. For increased reliability of the solder joints and
maximum thermal capability, it is recommended that the pad be soldered to the substrate, VSS.


Similar Part No. - ADG1606

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BCPZ-REEL AD-ADG1604BCPZ-REEL Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BCPZ-REEL7 AD-ADG1604BCPZ-REEL7 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BRUZ AD-ADG1604BRUZ Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BRUZ-REEL AD-ADG1604BRUZ-REEL Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
More results

Similar Description - ADG1606

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
ADG658 AD-ADG658_09 Datasheet
452Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
ADG658 AD-ADG658 Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
ADGS1612 AD-ADGS1612 Datasheet
380Kb / 29P
   SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com