Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-HA133A-AV-TRB Datasheet(PDF) 5 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HA133A-AV-TRB
Description  Emitted Color: Amber.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HA133A-AV-TRB Datasheet(HTML) 5 Page - BRIGHT LED ELECTRONICS CORP

  BL-HA133A-AV-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HA133A-AV-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HA133A-AV-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HA133A-AV-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HA133A-AV-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HA133A-AV-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HA133A-AV-TRB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-HA133A-AV-TRB Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--H
HA
A1
13
33
3A
A--A
AV
V--T
TR
RB
B
SINCE 1981
Bin Limits
Intensit y Bin Limits (At 20mA)
BIN CO DE
Min. (mcd)
Max. (mcd)
H
5.5
8.2
J
8.2
12. 3
K
12. 3
18. 5
L
18. 5
28. 0
Tole ra nc e for ea c h Bi n li mi t i s ± 15%
Color Bin Limits (At 20mA)
BIN CO DE
Min. (nm)
Max. (nm)
*
60 5
61 5
Tolerance for each Bin limit is ±1nm.
VF Bin Limits (At 20mA)
BIN CO DE
Min.(v)
Max. (v)
B
1.8
2.0
C
2.0
2.2
D
2.2
2.4
E
2.4
2.6
Tolerance for each Bin limit is ±0.05V.
BIN:
x
x
x
V F BIN CODE
Co lor BIN CODE
I n t e n s i t y B I N C O D E
Ver.1.0 Page 4 of 7


Similar Part No. - BL-HA133A-AV-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HA133A-TRB BRIGHT-BL-HA133A-TRB Datasheet
224Kb / 7P
   Amber Mono-color type 3.2x1.6x1.4mm(1206) standard package
logo
American Bright OPTOELE...
BL-HA133A-TRB AMERICANBRIGHT-BL-HA133A-TRB Datasheet
229Kb / 7P
   Top Emitting SMT LED Components
Ver.1.0
More results

Similar Description - BL-HA133A-AV-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HA136A-TRB BRIGHT-BL-HA136A-TRB Datasheet
229Kb / 8P
   Emitted Color : Amber
logo
HB Electronic Component...
MR16-36PCS(2W)-W6-GU10 HB-MR16-36PCS(2W)-W6-GU10 Datasheet
1Mb / 2P
   Emitted Color
MR16-36PCS(2W)-W6-E27 HB-MR16-36PCS(2W)-W6-E27 Datasheet
1Mb / 2P
   Emitted Color
MR16-36PCS(2W)-W3-GU10 HB-MR16-36PCS(2W)-W3-GU10 Datasheet
548Kb / 2P
   Emitted Color
logo
BRIGHT LED ELECTRONICS ...
BL-HJE36A-AV-TRB BRIGHT-BL-HJE36A-AV-TRB Datasheet
232Kb / 8P
   Emitted Color : Super Orange Red.
logo
American Bright OPTOELE...
BB-HRGB24R-TRB-B AMERICANBRIGHT-BB-HRGB24R-TRB-B Datasheet
209Kb / 8P
   Emitted Color: Red, Green, Blue
Ver1.0
logo
HB Electronic Component...
MR16-36PCS2W-W3-E27 HB-MR16-36PCS2W-W3-E27 Datasheet
1Mb / 2P
   Emitted Color Pure White Warm White
G60-6W-W3-GU10 HB-G60-6W-W3-GU10 Datasheet
307Kb / 2P
   Emitted Color: Pure White?갮arm White
G60-6W-W6-E27 HB-G60-6W-W6-E27 Datasheet
332Kb / 1P
   Emitted Color: Pure White?갮arm White
MR16-36PCS2W-W3-GU10 HB-MR16-36PCS2W-W3-GU10 Datasheet
548Kb / 2P
   Emitted Color Pure White Warm White
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com