Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-BF331 Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-BF331
Description  Chip material: AlGaAs/ AlGaAs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-BF331 Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-BF331 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-BF331 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-BF331 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
BF
F3
33
31
1--A
AT
T
Ver.1.0 Page: 1 of 3
SINCE 1981
●Package dimensions:
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
1. Chip material: AlGaAs/ AlGaAs
2. Emitted color : Super Red
3. Lens Appearance : Water Clear
4. Low power consumption.
5. High efficiency.
6. Versatile mounting on P.C. Board or panel.
7. Low current requirement.
8. 3mm diameter package.
9. This product don’t contained restriction
substance, compliance ROHS standard.
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
80
mW
Forward Current
IF
30
mA
Peak Forward Current*1
IFP
150
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40~80
Storage Temperature
Tstg
-40~85
Soldering Temperature
Tsol
260(for 5 seconds)
*1Condition for IFP is pulse of 1/10 duty and 0.1msec width.


Similar Part No. - BL-BF331

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-BF331-FA5.8-TBF22.5A BRIGHT-BL-BF331-FA5.8-TBF22.5A Datasheet
240Kb / 5P
   LED LAMPS
More results

Similar Description - BL-BF331

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-B6174 BRIGHT-BL-B6174 Datasheet
154Kb / 2P
   Chip material: AlGaAs/GaAs
BL-BD1X0209 BRIGHT-BL-BD1X0209 Datasheet
122Kb / 2P
   Chip material: AlGaAs/GaAs
logo
M/A-COM Technology Solu...
MA4AGP907 MA-COM-MA4AGP907 Datasheet
131Kb / 6P
   AlGaAs Flip Chip PIN Diodes
MADP-000907-14020 MA-COM-MADP-000907-14020 Datasheet
291Kb / 5P
   Solderable AlGaAs Flip Chip PIN
MADP-000907-14020X MA-COM-MADP-000907-14020X Datasheet
577Kb / 5P
   Solderable AlGaAs Flip Chip PIN
MA4AGP907 MA-COM-MA4AGP907_2 Datasheet
128Kb / 6P
   AlGaAs Flip Chip PIN Diodes
MADP-000907-14020 MA-COM-MADP-000907-14020_15 Datasheet
685Kb / 6P
   Solderable AlGaAs Flip Chip PIN
logo
Tyco Electronics
MA4AGP907 MACOM-MA4AGP907 Datasheet
108Kb / 5P
   AlGaAs Flip-Chip PIN Diode
logo
Rohm
RLD78PPY4 ROHM-RLD78PPY4 Datasheet
120Kb / 3P
   AlGaAs laser diode
RLD78NZH2 ROHM-RLD78NZH2 Datasheet
89Kb / 3P
   AlGaAs laser diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com