Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-B5141-FP6.5-TBF25C Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-B5141-FP6.5-TBF25C
Description  Chip material: GaP/GaP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-B5141-FP6.5-TBF25C Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BL-B5141-FP6.5-TBF25C Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-B5141-FP6.5-TBF25C Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-B5141-FP6.5-TBF25C Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
B5
51
14
41
1--F
FP
P6
6..5
5--T
TB
BF
F2
25
5C
C
Ver.1.0 Page: 3 of 3
SINCE 1981
● Tapping and packaging specifications(Units: mm)
W2
W3
W1
TxFxxx (5.08 PITCH PREFORMED LEADS)
11.8 0.5
(.464 .02)
USER DIRECTION OF FEED
P1
L
Wo
F
P
H1
D
H2
3.8(.150)
H2-------------------6.5(.256)±0.5
H1----------------25.0(.984)±0.5
T-----------------1.42(.055) Max.
W3--------------------18.0(.708)
W2----------------4.0(.157) Max.
W1----------------------10.0(.394)
D----------------------- 4.0(.157)
P---------------------------12.7(.50)
F--------------------------5.08(.20)
P1-------------------------3.85(.15)
Wo-------------------------9.0(.35)
L--------------------11.0(.433) Max.
T
5.30(.209)
3.00(.118)
Notes: 1.All dimensions are in millimeter (inch).
2.Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3.Lead spacing is measured where the leads emerge from the package.
● Bin Limits
1. Intensity Bin Limits (At IF= 20mA)
Bin Code
Min. (mcd)
Max. (mcd)
:
:
:
E
1.4
2.8
F
2.1
4.2
G
3.2
6.3
H
4.8
9.4
J
7.0
14.0
:
:
:
Bin: x
Int ensity bin code


Similar Part No. - BL-B5141-FP6.5-TBF25C

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-B5141-FP6.3-TBF24C BRIGHT-BL-B5141-FP6.3-TBF24C Datasheet
168Kb / 3P
   CHIP MATERIAL:GAP/GAP
More results

Similar Description - BL-B5141-FP6.5-TBF25C

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-B2139 BRIGHT-BL-B2139 Datasheet
137Kb / 2P
   Chip material: Gap/GaP
BL-B5141-FA8.5-TBF26C BRIGHT-BL-B5141-FA8.5-TBF26C Datasheet
165Kb / 3P
   Chip material: gap/gap
BL-B5234N BRIGHT-BL-B5234N Datasheet
139Kb / 2P
   Chip material: GaP/GaP
BL-B2134-AV BRIGHT-BL-B2134-AV Datasheet
144Kb / 3P
   Chip material: GaP/GaP
BL-B2141-FP6.5-TBF25C BRIGHT-BL-B2141-FP6.5-TBF25C Datasheet
164Kb / 3P
   Chip material: gap/gap
BL-B2141-TBS18C BRIGHT-BL-B2141-TBS18C Datasheet
152Kb / 3P
   Chip material: GaP/GaP
BL-B5141-TBS18C BRIGHT-BL-B5141-TBS18C Datasheet
152Kb / 3P
   Chip material: GaP/GaP
BL-B21A4 BRIGHT-BL-B21A4 Datasheet
137Kb / 2P
   Chip material: GaP/GaP
BL-B5133N BRIGHT-BL-B5133N Datasheet
136Kb / 2P
   Chip material: GaP/GaP
BL-B2141-AA-AV BRIGHT-BL-B2141-AA-AV Datasheet
144Kb / 3P
   Chip material: GaP/GaP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com