Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAU1381BCBZ-RL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADAU1381BCBZ-RL7
Description  Low Noise Stereo Codec with Enhanced Recording and Playback Processing
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1381BCBZ-RL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADAU1381BCBZ-RL7 Datasheet HTML 5Page - Analog Devices ADAU1381BCBZ-RL7 Datasheet HTML 6Page - Analog Devices ADAU1381BCBZ-RL7 Datasheet HTML 7Page - Analog Devices ADAU1381BCBZ-RL7 Datasheet HTML 8Page - Analog Devices ADAU1381BCBZ-RL7 Datasheet HTML 9Page - Analog Devices ADAU1381BCBZ-RL7 Datasheet HTML 10Page - Analog Devices ADAU1381BCBZ-RL7 Datasheet HTML 11Page - Analog Devices ADAU1381BCBZ-RL7 Datasheet HTML 12Page - Analog Devices ADAU1381BCBZ-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
ADAU1381
Rev. 0| Page 9 of 84
TYPICAL POWER MANAGEMENT MEASUREMENTS
Master clock = 12.288 MHz, PLL is active in integer mode at a 256 × fS input rate for fS = 48 kHz, analog and digital input tones are
−1 dBFS with a frequency of 1 kHz. Analog input and output are simultaneously active. Pseudo differential stereo input is routed to
ADCs, and DACs are routed to stereo line output with a 16 kΩ load. ADC input at −1 dBFS, DAC input at 0 dBFS. The speaker output is
disabled. The serial port is configured in slave mode. The beep path is disabled. The sound engine processing path is enabled. Current
measurements are given in units of mA rms.
Table 4. Mixer Boost and Power Management Conditions
Operating Voltage
Power Management Mode1
Mixer Boost Mode2
Typical AVDD Current
Consumption (mA)
Typical ADC
THD + N (dB)
Typical Line Output
THD + N (dB)
AVDD = IOVDD = 3.3 V
Normal (default)
Normal operation
16.84
88.5
93.0
Boost Level 1
16.88
88.5
93.0
Boost Level 2
16.92
88.5
93.0
Boost Level 3
17.00
88.5
93.0
Extreme power saving
Normal operation
15.66
88.0
87.5
Boost Level 1
15.68
88.0
87.5
Boost Level 2
15.70
88.0
87.5
Boost Level 3
15.75
88.0
87.5
Enhanced performance
Normal operation
17.43
88.5
94.5
Boost Level 1
17.50
88.5
94.5
Boost Level 2
17.53
88.5
94.5
Boost Level 3
17.63
88.5
94.5
Power saving
Normal operation
16.25
89.0
90.5
Boost Level 1
16.28
89.0
90.5
Boost Level 2
16.31
89.0
90.5
Boost Level 3
16.38
89.0
90.5
AVDD = IOVDD = 1.8 V
Normal (default)
Normal operation
15.15
88.5
89.5
Boost Level 1
15.19
88.5
89.5
Boost Level 2
15.23
88.5
89.5
Boost Level 3
15.30
88.5
89.5
Extreme power saving
Normal operation
14.03
86.5
85.5
Boost Level 1
14.05
86.5
85.5
Boost Level 2
14.07
86.5
85.5
Boost Level 3
14.12
86.5
85.5
Enhanced performance
Normal operation
15.71
88.5
90.5
Boost Level 1
15.76
88.5
90.5
Boost Level 2
15.81
88.5
90.5
Boost Level 3
15.89
88.5
90.5
Power saving
Normal operation
14.59
88.0
88.0
Boost Level 1
14.62
88.0
88.0
Boost Level 2
14.65
88.0
88.0
Boost Level 3
14.71
88.0
88.0
1 Set by Register 0x4009, Bits[4:1], and Register 0x4029, Bits[5:2].
2 Set by Register 0x4009, Bits[6:5].
DIGITAL FILTERS
Table 5.
Parameter
Mode
Factor
Min
Typ
Max
Unit
ADC DECIMATION FILTER
All modes, typ value is for 48 kHz
Pass Band
0.4375 × fS
21
kHz
Pass-Band Ripple
±0.015
dB
Transition Band
0.5 × fS
24
kHz
Stop Band
0.5625 × fS
27
kHz
Stop-Band Attenuation
70
dB
Group Delay
22.9844/fS
479
μs


Similar Part No. - ADAU1381BCBZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1382 AD-ADAU1382 Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Recording and Playback Processing
More results

Similar Description - ADAU1381BCBZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1382 AD-ADAU1382 Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Recording and Playback Processing
ADAU1781 AD-ADAU1781 Datasheet
944Kb / 88P
   Low Noise Stereo Codec with SigmaDSP Processing Core
Rev. 0
logo
Sanyo Semicon Device
LA4583M SANYO-LA4583M Datasheet
773Kb / 32P
   Compact Cassette Stereo Recording and Playback System
logo
Panasonic Semiconductor
AN3266FAP PANASONIC-AN3266FAP Datasheet
80Kb / 8P
   Video luminance signal recording/playback processing IC
logo
Analog Devices
ADAU1781 AD-ADAU1781_17 Datasheet
963Kb / 93P
   Low Noise Stereo Codec
logo
Panasonic Semiconductor
AN6210 PANASONIC-AN6210 Datasheet
511Kb / 6P
   DUAL RECORDING AND PLAYBACK AMPLIFIER CIRCUIT FOR STEREO TAPE RECORDERS
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
   Voice Recording & Playback Device Voice Recording & Playback Device
logo
Sony Corporation
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
logo
OKI electronic componet...
MSM9841 OKI-MSM9841 Datasheet
127Kb / 9P
   Recording and Playback LSI with Built-in FIFO
logo
Texas Instruments
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com