Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9S12HY64J0MLLR Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # SC9S12HY64J0MLLR
Description  S12 Microcontrollers
Download  790 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9S12HY64J0MLLR Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button SC9S12HY64J0MLLR Datasheet HTML 7Page - Freescale Semiconductor, Inc SC9S12HY64J0MLLR Datasheet HTML 8Page - Freescale Semiconductor, Inc SC9S12HY64J0MLLR Datasheet HTML 9Page - Freescale Semiconductor, Inc SC9S12HY64J0MLLR Datasheet HTML 10Page - Freescale Semiconductor, Inc SC9S12HY64J0MLLR Datasheet HTML 11Page - Freescale Semiconductor, Inc SC9S12HY64J0MLLR Datasheet HTML 12Page - Freescale Semiconductor, Inc SC9S12HY64J0MLLR Datasheet HTML 13Page - Freescale Semiconductor, Inc SC9S12HY64J0MLLR Datasheet HTML 14Page - Freescale Semiconductor, Inc SC9S12HY64J0MLLR Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 790 page
background image
MC9S12HY/HA-Family Reference Manual, Rev. 1.04
Freescale Semiconductor
11
Chapter 1
Device Overview MC9S12HY/HA-Family
1.1
Introduction
The MC9S12HY/HA family is an automotive, 16-bit microcontroller product line that is specifically
designed for entry level instrument clusters. This family also services generic automotive applications
requiring CAN, LCD, Motor driver control or LIN/J2602. Typical examples of these applications include
instrument clusters for automobiles and 2 or 3 wheelers, HVAC displays, general purpose motor control
and body controllers.
The MC9S12HY/HA family uses many of the same features found on the MC9S12P family, including
error correction code (ECC) on flash memory, a separate data-flash module for diagnostic or data storage,
a fast analog-to-digital converter (ATD) and a frequency modulated phase locked loop (IPLL) that
improves the EMC performance. The MC9S12HY/HA family features a 40x4 liquid crystal display (LCD)
controller/driver and a motor pulse width modulator (MC) consisting of up to 16 high current outputs. It
is capable of stepper motor stall detection (SSD), please contact a Freescale sales office for detailed
information.
The MC9S12HY/HA family delivers all the advantages and efficiencies of a 16-bit MCU while retaining
the low cost, power consumption, EMC, and code-size efficiency advantages currently enjoyed by users
of Freescale’s existing 8-bit and 16-bit MCU families. Like the MC9S12HZ family, the MC9S12HY/HA
family run 16-bit wide accesses without wait states for all peripherals and memories. The MC9S12HY/HA
family is available in 100-pin LQFP and 64-pin LQFP package options. In addition to the I/O ports
available in each module, further I/O ports are available with interrupt capability allowing wake-up from
stop or wait modes.
1.2
Features
This section describes the key features of the MC9S12HY/HA family.


Similar Part No. - SC9S12HY64J0MLLR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SC9S12G128F0CFTR FREESCALE-SC9S12G128F0CFTR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
SC9S12G128F0CLCR FREESCALE-SC9S12G128F0CLCR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
SC9S12G128F0CLFR FREESCALE-SC9S12G128F0CLFR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
SC9S12G128F0CLHR FREESCALE-SC9S12G128F0CLHR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
SC9S12G128F0CLLR FREESCALE-SC9S12G128F0CLLR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
More results

Similar Description - SC9S12HY64J0MLLR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12P32CFT FREESCALE-MC9S12P32CFT Datasheet
7Mb / 566P
   S12 Microcontrollers
MC9S12P128 FREESCALE-MC9S12P128 Datasheet
6Mb / 564P
   S12 Microcontrollers
MC9S12P128 FREESCALE-MC9S12P128_10 Datasheet
6Mb / 566P
   S12 Microcontrollers
S912XHY128F0VLM FREESCALE-S912XHY128F0VLM Datasheet
10Mb / 802P
   S12 Microcontrollers
logo
NXP Semiconductors
MC9S12G NXP-MC9S12G Datasheet
8Mb / 1276P
   S12 Microcontrollers
Rev.1.28 December 7, 2020
logo
Freescale Semiconductor...
MM912_634 FREESCALE-MM912_634 Datasheet
2Mb / 345P
   Integrated S12 Based Relay Driver with LIN
logo
Altech corporation
S12 ALTECH-S12 Datasheet
232Kb / 1P
   30 mm Contact Element S12
logo
Freescale Semiconductor...
MM912F634 FREESCALE-MM912F634 Datasheet
4Mb / 335P
   Integrated S12 Based Relay Driver with LIN
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com