Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-B2141-FA8-TBF26C Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-B2141-FA8-TBF26C
Description  Chip material:gap/gap
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-B2141-FA8-TBF26C Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BL-B2141-FA8-TBF26C Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-B2141-FA8-TBF26C Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-B2141-FA8-TBF26C Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image





















     
SINCE 1981
054 0;047<4#119



  
   


 
 







%!&&&&&&&&&&&&&&&&$ '!'$'
&&&&&&&&&&&&&&&&&!$'()
"&&&&&&&&&&&&&&&&&&&&!*'+'*
"$&&&&&&&&&&&&&&&&'!+()
"!&&&&&&&&&&&&&&&&&&&&&&!'',
-&&&&&&&&&&&&&&&&&&&&&&&'!+
.&&&&&&&&&&&&&&&&&&&&&&&&&&&!$+'
&&&&&&&&&&&&&&&&&&&&&&&&&&'*$'
.!&&&&&&&&&&&&&&&&&&&&&&&&&*!
"&&&&&&&&&&&&&&&&&&&&&&&&&,'
/&&&&&&&&&&&&&&&&&&&&!!'()
%$&&&&&&&&&&&&&&&&&&&*'!'



34 "     5'6
7  8! 5"96  ' (. 
0 (   ' '    . ' (%
7' ((    '  :
14
     

 
 
!
!
!
"



#
$
%

&
'
$(
(

))

!
!
!


  * 


   + ,-


Similar Part No. - BL-B2141-FA8-TBF26C

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-B2141-FP6.3-TBF24C BRIGHT-BL-B2141-FP6.3-TBF24C Datasheet
164Kb / 3P
   Chip material: gap/gap
BL-B2141-FP6.5-TBF25C BRIGHT-BL-B2141-FP6.5-TBF25C Datasheet
164Kb / 3P
   Chip material: gap/gap
More results

Similar Description - BL-B2141-FA8-TBF26C

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-B5141-FP6.3-TBF24C BRIGHT-BL-B5141-FP6.3-TBF24C Datasheet
168Kb / 3P
   CHIP MATERIAL:GAP/GAP
BL-B5141-FA8-TBF26C BRIGHT-BL-B5141-FA8-TBF26C Datasheet
153Kb / 3P
   CHIP MATERIAL:GAP/GAP
BL-B2139 BRIGHT-BL-B2139 Datasheet
137Kb / 2P
   Chip material: Gap/GaP
BL-B5141-FA8.5-TBF26C BRIGHT-BL-B5141-FA8.5-TBF26C Datasheet
165Kb / 3P
   Chip material: gap/gap
BL-B5234N BRIGHT-BL-B5234N Datasheet
139Kb / 2P
   Chip material: GaP/GaP
BL-B2134-AV BRIGHT-BL-B2134-AV Datasheet
144Kb / 3P
   Chip material: GaP/GaP
BL-B2141-FP6.5-TBF25C BRIGHT-BL-B2141-FP6.5-TBF25C Datasheet
164Kb / 3P
   Chip material: gap/gap
BL-B2141-TBS18C BRIGHT-BL-B2141-TBS18C Datasheet
152Kb / 3P
   Chip material: GaP/GaP
BL-B5141-TBS18C BRIGHT-BL-B5141-TBS18C Datasheet
152Kb / 3P
   Chip material: GaP/GaP
BL-B21A4 BRIGHT-BL-B21A4 Datasheet
137Kb / 2P
   Chip material: GaP/GaP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com