Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7194BCPZ-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7194BCPZ-REEL7
Description  8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7194BCPZ-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD7194BCPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD7194BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD7194BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7194BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7194BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7194BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7194BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7194BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7194BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
AD7194
Rev. 0 | Page 5 of 56
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments1
REFERENCE INPUT
REFIN Voltage
1
AVDD
V
REFIN = REFINx(+) − REFINx(−), the
differential input must be limited to
±(AVDD − 1.25 V)/gain when gain > 1
Absolute REFIN Voltage
Limits2
AGND − 0.05
AVDD + 0.05
V
Average Reference Input
Current
4.5
μA/V
Average Reference Input
Current Drift
±0.03
nA/V/°C
External clock
±1.3
nA/V/°C
Internal clock
Normal Mode Rejection2
Same as for
analog inputs
Common-Mode
Rejection
100
dB
Reference Detect Levels
0.3
0.6
V
TEMPERATURE SENSOR
Accuracy
±2
°C
Applies after user calibration at 25°C
Sensitivity
2815
Codes/°C
Bipolar mode
BURNOUT CURRENTS
AIN Current
500
nA
Analog inputs must be buffered and chop
disabled
DIGITAL OUTPUTS (P0 to P3)
Output High Voltage, VOH
AVDD − 0.6
V
AVDD = 3 V, ISOURCE = 100 μA
4
V
AVDD = 5 V, ISOURCE = 200 μA
Output Low Voltage, VOL
0.4
V
AVDD = 3 V, ISINK = 100 μA
0.4
V
AVDD = 5 V, ISINK = 800 μA
Floating-State Leakage
Current2
−100
+100
nA
Floating-State Output
Capacitance
10
pF
INTERNAL/EXTERNAL CLOCK
Internal Clock
Frequency
4.72
5.12
MHz
Duty Cycle
50:50
%
External Clock/Crystal
Frequency
2.4576
4.9152
5.12
MHz
Input Low Voltage, VINL
0.8
V
DVDD = 5 V
0.4
V
DVDD = 3 V
Input High Voltage, VINH
2.5
V
DVDD = 3 V
3.5
V
DVDD = 5 V
Input Current
−10
+10
μA
LOGIC INPUTS
Input High Voltage, VINH2
2
V
Input Low Voltage, VINL2
0.8
V
Hysteresis2
0.1
0.25
V
Input Currents
−10
+10
μA
LOGIC OUTPUT (DOUT/RDY)
Output High Voltage, VOH2
DVDD − 0.6
V
DVDD = 3 V, ISOURCE = 100 μA
4
V
DVDD = 5 V, ISOURCE = 200 μA
Output Low Voltage, VOL2
0.4
V
DVDD = 3 V, ISINK = 100 μA
0.4
V
DVDD = 5 V, ISINK = 1.6 mA
Floating-State Leakage
Current
−10
+10
μA
Floating-State Output
Capacitance
10
pF
Data Output Coding
Offset binary


Similar Part No. - AD7194BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7194BCPZ-REEL7 AD-AD7194BCPZ-REEL7 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
More results

Similar Description - AD7194BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7192 AD-AD7192 Datasheet
711Kb / 40P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7193 AD-AD7193 Datasheet
767Kb / 56P
   4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7195 AD-AD7195_15 Datasheet
546Kb / 45P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
AD7195 AD-AD7195 Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com