Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08SV16CBM Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC9S08SV16CBM
Description  8-Bit HCS08 Central Processor Unit (CPU)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SV16CBM Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC9S08SV16CBM Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08SV16CBM Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08SV16CBM Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08SV16CBM Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08SV16CBM Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08SV16CBM Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08SV16CBM Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08SV16CBM Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9S08SV16CBM Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Electrical Characteristics
MC9S08SV16 Series Data Sheet, Rev. 2
Freescale Semiconductor
11
where:
TA = Ambient temperature, °C
θJA = Package thermal resistance, junction-to-ambient, °C/W
PD = Pint + PI/O
Pint = IDD × VDD, Watts — chip internal power
PI/O = Power dissipation on input and output pins — user determined
For most applications, PI/O << Pint and can be neglected. An approximate relationship between PD and TJ
(if PI/O is neglected) is:
PD = K ÷ (TJ + 273°C)
Eqn. 2
Solving Equation 1 and Equation 2 for K gives:
K = PD × (TA + 273°C) + θJA × (PD)
2
Eqn. 3
where K is a constant pertaining to the particular part. K can be determined from Equation 3 by measuring
PD (at equilibrium) for an known TA. Using this value of K, the values of PD and TJ can be obtained by
solving Equation 1 and Equation 2 iteratively for any value of TA.
5.5
ESD Protection and Latch-Up Immunity
Although damage from electrostatic discharge (ESD) is much less common on these devices than on early
CMOS circuits, normal handling precautions must be taken to avoid exposure to static discharge.
Qualification tests are performed to ensure that these devices can withstand exposure to reasonable levels
of static without suffering any permanent damage.
During the device qualification, ESD stresses were performed for the human body model (HBM) and the
charge device model (CDM).
A device is defined as a failure if after exposure to ESD pulses the device no longer meets the device
specification. Complete DC parametric and functional testing is performed per the applicable device
specification at room temperature followed by hot temperature, unless instructed otherwise in the device
specification.
Table 5. ESD and Latch-Up Test Conditions
Model
Description
Symbol
Value
Unit
Human
body
Series resistance
R1
1500
Ω
Storage capacitance
C
100
pF
Number of pulses per pin
1
Latch-up
Minimum input voltage limit
–2.5
V
Maximum input voltage limit
7.5
V


Similar Part No. - MC9S08SV16CBM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
More results

Similar Description - MC9S08SV16CBM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com