Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9S08MP16 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # S9S08MP16
Description  8-Bit HCS08 Central Processor Unit (CPU)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08MP16 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button S9S08MP16 Datasheet HTML 4Page - Freescale Semiconductor, Inc S9S08MP16 Datasheet HTML 5Page - Freescale Semiconductor, Inc S9S08MP16 Datasheet HTML 6Page - Freescale Semiconductor, Inc S9S08MP16 Datasheet HTML 7Page - Freescale Semiconductor, Inc S9S08MP16 Datasheet HTML 8Page - Freescale Semiconductor, Inc S9S08MP16 Datasheet HTML 9Page - Freescale Semiconductor, Inc S9S08MP16 Datasheet HTML 10Page - Freescale Semiconductor, Inc S9S08MP16 Datasheet HTML 11Page - Freescale Semiconductor, Inc S9S08MP16 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
MC9S08MP16 Series Data Sheet, Rev. 1
Electrical Characteristics
Freescale Semiconductor
8
2
Electrical Characteristics
2.1
Introduction
This section contains electrical and timing specifications for the MC9S08MP16 Series of microcontrollers available at the time
of publication.
35
——
PTE4
ADP126
C1IN46
36
23
25
PTB4
KBI1P4
ADP46
C2IN36
37
24
26
PTB5
KBI1P5
CMP2OUT2
ADP56
C2IN46
38
25
27
PTB6
KBI1P6
CMP3OUT3
ADP66
C3IN36
39
26
PTB7
KBI1P7
ADP76
C3IN46
40
27
PTE5
XTAL
41
28
PTE6
EXTAL
42
29
VSS2
43
——
VDD2
44
30
28
PTF0
BKGD
MS
45
31
1
PTC0
KBI2P0
FTM2CH0
46
32
2
PTC1
KBI2P1
FTM2CH1
47
1
3
PTC2
KBI2P2
FTM2CH2
48
2
4
PTC3
KBI2P3
FTM2CH3
1 TCLK pin can be repositioned using TCLKPS in SOPT2. Default reset location is PTC7.
2 HSCMP2 output CMP2OUT can be repositioned using the CMP2OPS in the SOPT2 register.
Default reset location is PTD6.
3 HSCMP3 output CMP3OUT can be repositioned using the CMP3OPS in the SOPT2 register.
Default reset location is PTD7.
4 Pin is open drain with an internal pullup that is always enabled. Pin does not contain a clamp
diode to VDD and should not be driven above VDD. The voltage measured on the internally
pulled up RESET will not be pulled to VDD. The internal gates connected to this pin are pulled
to VDD.
5 IIC pins SDA and SCL can be repositioned using IICPS in SOPT2. Default reset locations are
PTD0 and PTD1.
6 If ADC, HSCMP, or PGA is enabling a shared analog input pin, each has access to the pin.
Table 1. Pin Availability by Package Pin-Count (continued)
Pin Number
<-- Lowest
Priority
--> Highest
48
32
LQFP
28
Port Pin
Alt 1
Alt 2
Alt3
Alt4


Similar Part No. - S9S08MP16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S9S08MP16 NXP-S9S08MP16 Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
S9S08MP16E2CLC NXP-S9S08MP16E2CLC Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
S9S08MP16E2CLF NXP-S9S08MP16E2CLF Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
S9S08MP16E2CWL NXP-S9S08MP16E2CWL Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
S9S08MP16E2MLC NXP-S9S08MP16E2MLC Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
More results

Similar Description - S9S08MP16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com