Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWU6601 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # AWU6601
Description  HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWU6601 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button AWU6601 Datasheet HTML 3Page - ANADIGICS, Inc AWU6601 Datasheet HTML 4Page - ANADIGICS, Inc AWU6601 Datasheet HTML 5Page - ANADIGICS, Inc AWU6601 Datasheet HTML 6Page - ANADIGICS, Inc AWU6601 Datasheet HTML 7Page - ANADIGICS, Inc AWU6601 Datasheet HTML 8Page - ANADIGICS, Inc AWU6601 Datasheet HTML 9Page - ANADIGICS, Inc AWU6601 Datasheet HTML 10Page - ANADIGICS, Inc AWU6601 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet - Rev 2.0
10/2009
AWU6601
7
CHARACTERIZATION DATA
(WCDMA Rel 99, VCC = 3.4 V, VEN = 2.4 V, T = 25 8C)
0
5
10
15
20
25
30
-10
-5
0
5
10
15
20
25
30
Pout (dBm)
1920MHz
1950MHz
1980MHz
0
50
100
150
200
250
300
350
400
450
500
550
-10
-5
0
5
10
15
20
25
30
Pout (dBm)
1920MHz
1950MHz
1980MHz
-70
-65
-60
-55
-50
-45
-40
-35
-30
-10
-5
0
5
10
15
20
25
30
Pout (dBm)
1920MHz
1950MHz
1980MHz
-80
-75
-70
-65
-60
-55
-50
-45
-40
-10
-5
0
5
10
15
20
25
30
Pout (dBm)
1920MHz
1950MHz
1980MHz
0
5
10
15
20
25
30
35
40
45
-10
-5
0
5
10
15
20
25
30
Pout (dBm)
1920MHz
1950MHz
1980MHz
Figure 3: Gain vs Output Power
Figure 4: Current vs Output Power
Figure 5: ACLR1 (5 MHz offset) vs Output Power
Figure 6: ACLR2 (10 MHz offset) vs Output
Figure 7: Efficiency vs Output Power


Similar Part No. - AWU6601

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWU6602 ANADIGICS-AWU6602 Datasheet
565Kb / 13P
   HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
AWU6602RM45P9 ANADIGICS-AWU6602RM45P9 Datasheet
565Kb / 13P
   HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
AWU6602RM45Q7 ANADIGICS-AWU6602RM45Q7 Datasheet
565Kb / 13P
   HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
AWU6604 ANADIGICS-AWU6604 Datasheet
565Kb / 13P
   HELP3TM Band 4 & 9 WCDMA 3.4 V / 28.25 dBm Linear PA Module
AWU6604RM45P9 ANADIGICS-AWU6604RM45P9 Datasheet
565Kb / 13P
   HELP3TM Band 4 & 9 WCDMA 3.4 V / 28.25 dBm Linear PA Module
More results

Similar Description - AWU6601

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWU6604 ANADIGICS-AWU6604 Datasheet
565Kb / 13P
   HELP3TM Band 4 & 9 WCDMA 3.4 V / 28.25 dBm Linear PA Module
AWU6608 ANADIGICS-AWU6608 Datasheet
567Kb / 13P
   HELP3TM Band 8 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
AWU6605 ANADIGICS-AWU6605 Datasheet
568Kb / 13P
   HELP3TM Band 5 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
AWU6602 ANADIGICS-AWU6602 Datasheet
565Kb / 13P
   HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
   HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6282 ANADIGICS-AWT6282 Datasheet
421Kb / 8P
   HELP3TM 1700/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
AWT6279 ANADIGICS-AWT6279 Datasheet
415Kb / 8P
   HELP3TM IMT/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
AWT6278 ANADIGICS-AWT6278 Datasheet
417Kb / 8P
   HELP3TM PCS/WCDMA 3.4 V/29.5 dBm HSPA Linear Power Amplifier Module
AWT6241 ANADIGICS-AWT6241 Datasheet
2Mb / 12P
   HELP3TM UMTS/TD-SCDMA Linear Power Amplifier Module
AWT6281 ANADIGICS-AWT6281 Datasheet
439Kb / 8P
   HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com