Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6276RM20P9 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AWT6276RM20P9
Description  HELPTM PCS/WCDMA 3.4 V/29.5 dBm Linear Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6276RM20P9 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWT6276RM20P9 Datasheet HTML 1Page - ANADIGICS, Inc AWT6276RM20P9 Datasheet HTML 2Page - ANADIGICS, Inc AWT6276RM20P9 Datasheet HTML 3Page - ANADIGICS, Inc AWT6276RM20P9 Datasheet HTML 4Page - ANADIGICS, Inc AWT6276RM20P9 Datasheet HTML 5Page - ANADIGICS, Inc AWT6276RM20P9 Datasheet HTML 6Page - ANADIGICS, Inc AWT6276RM20P9 Datasheet HTML 7Page - ANADIGICS, Inc AWT6276RM20P9 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Data Sheet - Rev 2.1
11/2008
AWT6276
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Gain
24.5
14.0
13.0
27.0
16.0
15.0
29.0
18.0
17.0
dB
POUT = +29.5 dBm, VMODE = 0 V
POUT = +16 dBm, VMODE = +2.85 V
POUT = +7 dBm, VCC = 1.5 V,
VMODE = +2.85 V
ACLR1 at 5 MHz offset (1)
-
-
-
-41
-40
-40
-38
-38
-38
dBc
POUT = +29.5 dBm, VMODE = 0 V
POUT = +16 dBm, VMODE = +2.85 V
POUT = +7 dBm, VCC = 1.5 V,
VMODE = +2.85 V
ACLR2 at 10 MHz offset
-
-
-
-56
-52
-58
-48
-48
-48
dBc
POUT = +29.5 dBm, VMODE = 0 V
POUT = +16 dBm, VMODE = +2.85 V
POUT = +7 dBm, VCC = 1.5 V,
VMODE = +2.85 V
Power-Added Efficiency (1)
40
18
13
45
21
16
-
-
-
%
POUT = +29.5 dBm, VMODE = 0 V
POUT = +16 dBm, VMODE = +2.85 V
POUT = +7 dBm, VCC = 1.5 V,
VMODE = +2.85 V
Quiescent Current (Icq)
-
15
22
mA
VMODE = +2.85 V, VCC = 3.4 V
Reference Current
-
4
7
mA
through VREF pin
Mode Control Current
-
0.3
1
mA
through VMODE pin, VMODE = +2.85 V
Leakage Current
-
<1
5
µA
VCC = +4.2 V, VREF = 0 V,
VMODE = 0 V
Noise in Receive Band
-
-137
-135 dBm/Hz 1930 MHz to 1990 MHz
Harmonics
2fo
3fo, 4fo
-
-
-45
-50
-35
-35
dBc
Input Impedance
-
-
2:1
VSWR
Spurious Output Level
(all spurious outputs)
-
-
-70
dBc
POUT < +29.5 dBm
In-band load VSWR < 5:1
Out-of-band load VSWR < 10:1
Applies over all operating
conditions
Load mismatch stress with no
permanent degradation or failure
10:1
-
-
VSWR Applies over full operating range
Table 4: Electrical Specifications
(TC = +25 °C, VCC = +3.4 V, VREF = +2.85 V, 50 Ω system)
Notes:
(1) ACLR and Efficiency measured at 1880 MHz.


Similar Part No. - AWT6276RM20P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6276RM20P8 ANADIGICS-AWT6276RM20P8 Datasheet
215Kb / 8P
   HELP PCS/WCDMA 3.4 V/29.5 dBm Linear Power Amplifier Module
More results

Similar Description - AWT6276RM20P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6276R ANADIGICS-AWT6276R Datasheet
215Kb / 8P
   HELP PCS/WCDMA 3.4 V/29.5 dBm Linear Power Amplifier Module
AWT6278 ANADIGICS-AWT6278 Datasheet
417Kb / 8P
   HELP3TM PCS/WCDMA 3.4 V/29.5 dBm HSPA Linear Power Amplifier Module
AWT6277R ANADIGICS-AWT6277R_08 Datasheet
429Kb / 8P
   HELPTM IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
   HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
   HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6272R ANADIGICS-AWT6272R Datasheet
215Kb / 8P
   HELP Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6277R ANADIGICS-AWT6277R Datasheet
282Kb / 8P
   HELP IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
AWT6251 ANADIGICS-AWT6251 Datasheet
295Kb / 12P
   PCS/WCDMA 3.4V/27.5 dBm Linear Power Amplifier Module
AWT6282 ANADIGICS-AWT6282 Datasheet
421Kb / 8P
   HELP3TM 1700/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
AWT6279 ANADIGICS-AWT6279 Datasheet
415Kb / 8P
   HELP3TM IMT/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com