Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6273RM20P8 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWT6273RM20P8
Description  HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6273RM20P8 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWT6273RM20P8 Datasheet HTML 1Page - ANADIGICS, Inc AWT6273RM20P8 Datasheet HTML 2Page - ANADIGICS, Inc AWT6273RM20P8 Datasheet HTML 3Page - ANADIGICS, Inc AWT6273RM20P8 Datasheet HTML 4Page - ANADIGICS, Inc AWT6273RM20P8 Datasheet HTML 5Page - ANADIGICS, Inc AWT6273RM20P8 Datasheet HTML 6Page - ANADIGICS, Inc AWT6273RM20P8 Datasheet HTML 7Page - ANADIGICS, Inc AWT6273RM20P8 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet - Rev 2.1
05/2008
AWT6273
3
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage.
Functional operation is not implied under these conditions. Exposure
to absolute ratings for extended periods of time may adversely affect
reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed only
over the conditions defined in the electrical specifications.
Notes:
(1) For operation at Vcc = +3.2 V, Pout is derated by 0.5 dB.
PARAMETER
MIN
MAX
UNIT
Supply Voltage (VCC)
0
+5
V
Battery Voltage (VBATT)
0
+6
V
Control Voltages (VMODE1, VMODE2, VENABLE)
0
+3.5
V
RF Input Power (PIN)
-
+10
dBm
Storage Temperature (TSTG)
-40
+150
°C
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Operating Frequency (f)
824
-
849
MHz
Supply Voltage (VCC)
+3.2
-
+3.4
+1.5
+4.2
-
V
POUT < +29 dBm
TBD
Enable Voltage (VENABLE)
+2.15
0
+2.4
-
+3.1
+0.5
V
PA "on"
PA "shut down"
Mode Control Voltage (VMODE1,VMODE2)
+2.15
0
+2.4
-
+3.1
+0.5
V
Low Bias Mode
High Bias Mode
RF Output Power (POUT)
3GPP
HSDPA Case A
HSDPA Case B
HSDPA Case C
+28.5 (1)
+27.5 (1)
+26.5 (1)
+26.0 (1)
+29.0
+28.0
+27.0
+26.5
-
-
-
-
dBm
1/15 < 
c/d < 12/15
13/15 < 
c/d < 15/8
15/7 < 
c/d < 15/0
Case Temperature (TC)
-10
-
+90
°C


Similar Part No. - AWT6273RM20P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6270 ANADIGICS-AWT6270 Datasheet
275Kb / 8P
   HELP 830-840 MHz WCDMA 3.4V/27dBm Linear Power Amplifier Module
AWT6271 ANADIGICS-AWT6271 Datasheet
218Kb / 8P
   HELP Cellular/WCDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6271RM20P8 ANADIGICS-AWT6271RM20P8 Datasheet
218Kb / 8P
   HELP Cellular/WCDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
   HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6272R ANADIGICS-AWT6272R Datasheet
215Kb / 8P
   HELP Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
More results

Similar Description - AWT6273RM20P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
   HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6272R ANADIGICS-AWT6272R Datasheet
215Kb / 8P
   HELP Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6281 ANADIGICS-AWT6281 Datasheet
439Kb / 8P
   HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
AWU6602 ANADIGICS-AWU6602 Datasheet
565Kb / 13P
   HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
AWT6282 ANADIGICS-AWT6282 Datasheet
421Kb / 8P
   HELP3TM 1700/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
AWT6279 ANADIGICS-AWT6279 Datasheet
415Kb / 8P
   HELP3TM IMT/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
AWT6278 ANADIGICS-AWT6278 Datasheet
417Kb / 8P
   HELP3TM PCS/WCDMA 3.4 V/29.5 dBm HSPA Linear Power Amplifier Module
AWU6608 ANADIGICS-AWU6608 Datasheet
567Kb / 13P
   HELP3TM Band 8 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
AWU6605 ANADIGICS-AWU6605 Datasheet
568Kb / 13P
   HELP3TM Band 5 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
AWU6604 ANADIGICS-AWU6604 Datasheet
565Kb / 13P
   HELP3TM Band 4 & 9 WCDMA 3.4 V / 28.25 dBm Linear PA Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com