Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWM6433RM35P8 Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # AWM6433RM35P8
Description  3.4 - 3.6 GHz WiMAX Power Amplifier Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWM6433RM35P8 Datasheet(HTML) 5 Page - ANADIGICS, Inc

  AWM6433RM35P8 Datasheet HTML 1Page - ANADIGICS, Inc AWM6433RM35P8 Datasheet HTML 2Page - ANADIGICS, Inc AWM6433RM35P8 Datasheet HTML 3Page - ANADIGICS, Inc AWM6433RM35P8 Datasheet HTML 4Page - ANADIGICS, Inc AWM6433RM35P8 Datasheet HTML 5Page - ANADIGICS, Inc AWM6433RM35P8 Datasheet HTML 6Page - ANADIGICS, Inc AWM6433RM35P8 Datasheet HTML 7Page - ANADIGICS, Inc AWM6433RM35P8 Datasheet HTML 8Page - ANADIGICS, Inc AWM6433RM35P8 Datasheet HTML 9Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PRELIMINARY DATA SHEET - Rev 1.0
12/2008
AWM6433
5
perFOrMAnCe dAtA
Figure 3: Gain vs. Output power
(tC = +25 °C, VCC = +3.3 V, VBiAs = +2.85 V,
54 Mbps OFdM Modulation)
Figure 4: Uncorrected eVM vs. Output power
(tC = +25 °C, VCC = +3.3 V, VBiAs = +2.85 V, 54 Mbps
OFdM Modulation, system eVM approx. 0.8 %)
Figure 5: supply Current vs. Output power
(tC = +25 °C, VCC = +3.3V, VBiAs = +2.85 V,
54 Mbps OFdM Modulation)
Figure 6: detector Voltage vs. Output power
(tC = +25 °C, VCC = +3.3 V, VBiAs = +2.85 V,
54 Mbps OFdM Modulation)
25
26
27
28
29
30
31
32
33
34
35
13
14
15
16
17
18
19
20
21
22
23
24
25
Output power (dBm)
3.30 GHz
3.40 GHz
3.50 GHz
3.60 GHz
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
13
14
15
16
17
18
19
20
21
22
23
24
25
Output power (dBm)
3.30 GHz
3.40 GHz
3.50 GHz
3.60 GHz
100
150
200
250
300
350
400
13
14
15
16
17
18
19
20
21
22
23
24
25
Output power (dBm)
3.30 GHz
3.40 GHz
3.50 GHz
3.60 GHz
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
13
14
15
16
17
18
19
20
21
22
23
24
25
Output power (dBm)
3.30 GHz
3.40 GHz
3.50 GHz
3.60 GHz


Similar Part No. - AWM6433RM35P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWM6430 ANADIGICS-AWM6430 Datasheet
226Kb / 12P
   3.3-3.6 GHz WiMAX PowerAmplifier Module
AWM6430RM18P8 ANADIGICS-AWM6430RM18P8 Datasheet
226Kb / 12P
   3.3-3.6 GHz WiMAX PowerAmplifier Module
AWM6431 ANADIGICS-AWM6431 Datasheet
218Kb / 12P
   3.5-3.8 GHz WiMAX PowerAmplifier Module
AWM6431RM18P8 ANADIGICS-AWM6431RM18P8 Datasheet
218Kb / 12P
   3.5-3.8 GHz WiMAX PowerAmplifier Module
AWM6432 ANADIGICS-AWM6432 Datasheet
217Kb / 12P
   3.3-3.6 GHz WiMAX PowerAmplifier Module
More results

Similar Description - AWM6433RM35P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
RFS1006 ANADIGICS-RFS1006 Datasheet
71Kb / 4P
   3.4-3.6 GHz Power Amplifier
AWM6430 ANADIGICS-AWM6430 Datasheet
226Kb / 12P
   3.3-3.6 GHz WiMAX PowerAmplifier Module
AWM6432 ANADIGICS-AWM6432 Datasheet
217Kb / 12P
   3.3-3.6 GHz WiMAX PowerAmplifier Module
logo
NXP Semiconductors
AFLP5G35645 NXP-AFLP5G35645 Datasheet
384Kb / 12P
   3.6 GHz Low Power Amplifier Module
Rev. 1, 01/2020
logo
ANADIGICS, Inc
AWT6264R ANADIGICS-AWT6264R Datasheet
399Kb / 9P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
logo
Skyworks Solutions Inc.
AWT6264R SKYWORKS-AWT6264R Datasheet
648Kb / 12P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
logo
ANADIGICS, Inc
AWT6261R ANADIGICS-AWT6261R Datasheet
414Kb / 8P
   2.5-2.7 GHz Mobile WiMAX Power Amplifier Module
AWT6283R ANADIGICS-AWT6283R Datasheet
485Kb / 10P
   3.3 GHz to 3.8 GHz Mobile WiMAX Power Amplifier Module
logo
Qorvo, Inc
QPA3503 QORVO-QPA3503 Datasheet
682Kb / 11P
   3 W, 28 V, 3.4 ??3.6 GHz GaN PA Module
logo
ANADIGICS, Inc
AWM6268 ANADIGICS-AWM6268 Datasheet
462Kb / 10P
   2.5-2.7 GHz Mobile WiMAX/LTE Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com