Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWM6433 Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # AWM6433
Description  3.4 - 3.6 GHz WiMAX Power Amplifier Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWM6433 Datasheet(HTML) 9 Page - ANADIGICS, Inc

  AWM6433 Datasheet HTML 1Page - ANADIGICS, Inc AWM6433 Datasheet HTML 2Page - ANADIGICS, Inc AWM6433 Datasheet HTML 3Page - ANADIGICS, Inc AWM6433 Datasheet HTML 4Page - ANADIGICS, Inc AWM6433 Datasheet HTML 5Page - ANADIGICS, Inc AWM6433 Datasheet HTML 6Page - ANADIGICS, Inc AWM6433 Datasheet HTML 7Page - ANADIGICS, Inc AWM6433 Datasheet HTML 8Page - ANADIGICS, Inc AWM6433 Datasheet HTML 9Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
WArninG
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product
in any such application without written consent is prohibited.
iMpOrtAnt nOtiCe
AnAdiGiCs, inc.
141 Mount Bethel Road
Warren, New Jersey 07059, U.S.A.
Tel: +1 (908) 668-5000
Fax: +1 (908) 668-5132
URL: http://www.anadigics.com
E-mail: Mktg@anadigics.com
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice.
The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to
change prior to a product’s formal introduction. Information in Data Sheets have been carefully checked and are assumed
to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers
to verify that the information they are using is current before placing orders.
PRELIMINARY DATA SHEET - Rev 1.0
12/2008
9
AWM6433
OrderinG inFOrMAtiOn
Order nUMBer
teMperAtUre
rAnGe
pACKAGe desCriptiOn
COMpOnent pACKAGinG
AWM6433RM35P8
-40 °C to +85 °C
12 Pin
4.5 mm x 4.5 mm x 1.0 mm
Surface Mount Module
2,500 piece Tape and Reel


Similar Part No. - AWM6433

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWM6430 ANADIGICS-AWM6430 Datasheet
226Kb / 12P
   3.3-3.6 GHz WiMAX PowerAmplifier Module
AWM6430RM18P8 ANADIGICS-AWM6430RM18P8 Datasheet
226Kb / 12P
   3.3-3.6 GHz WiMAX PowerAmplifier Module
AWM6431 ANADIGICS-AWM6431 Datasheet
218Kb / 12P
   3.5-3.8 GHz WiMAX PowerAmplifier Module
AWM6431RM18P8 ANADIGICS-AWM6431RM18P8 Datasheet
218Kb / 12P
   3.5-3.8 GHz WiMAX PowerAmplifier Module
AWM6432 ANADIGICS-AWM6432 Datasheet
217Kb / 12P
   3.3-3.6 GHz WiMAX PowerAmplifier Module
More results

Similar Description - AWM6433

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
RFS1006 ANADIGICS-RFS1006 Datasheet
71Kb / 4P
   3.4-3.6 GHz Power Amplifier
AWM6430 ANADIGICS-AWM6430 Datasheet
226Kb / 12P
   3.3-3.6 GHz WiMAX PowerAmplifier Module
AWM6432 ANADIGICS-AWM6432 Datasheet
217Kb / 12P
   3.3-3.6 GHz WiMAX PowerAmplifier Module
logo
NXP Semiconductors
AFLP5G35645 NXP-AFLP5G35645 Datasheet
384Kb / 12P
   3.6 GHz Low Power Amplifier Module
Rev. 1, 01/2020
logo
ANADIGICS, Inc
AWT6264R ANADIGICS-AWT6264R Datasheet
399Kb / 9P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
logo
Skyworks Solutions Inc.
AWT6264R SKYWORKS-AWT6264R Datasheet
648Kb / 12P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
logo
ANADIGICS, Inc
AWT6261R ANADIGICS-AWT6261R Datasheet
414Kb / 8P
   2.5-2.7 GHz Mobile WiMAX Power Amplifier Module
AWT6283R ANADIGICS-AWT6283R Datasheet
485Kb / 10P
   3.3 GHz to 3.8 GHz Mobile WiMAX Power Amplifier Module
logo
Qorvo, Inc
QPA3503 QORVO-QPA3503 Datasheet
682Kb / 11P
   3 W, 28 V, 3.4 ??3.6 GHz GaN PA Module
logo
ANADIGICS, Inc
AWM6268 ANADIGICS-AWM6268 Datasheet
462Kb / 10P
   2.5-2.7 GHz Mobile WiMAX/LTE Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com