Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWC6312RM9Q7 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AWC6312RM9Q7
Description  HELP3TM PCS CDMA 3.4V/28dBm Linear Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWC6312RM9Q7 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWC6312RM9Q7 Datasheet HTML 1Page - ANADIGICS, Inc AWC6312RM9Q7 Datasheet HTML 2Page - ANADIGICS, Inc AWC6312RM9Q7 Datasheet HTML 3Page - ANADIGICS, Inc AWC6312RM9Q7 Datasheet HTML 4Page - ANADIGICS, Inc AWC6312RM9Q7 Datasheet HTML 5Page - ANADIGICS, Inc AWC6312RM9Q7 Datasheet HTML 6Page - ANADIGICS, Inc AWC6312RM9Q7 Datasheet HTML 7Page - ANADIGICS, Inc AWC6312RM9Q7 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Data Sheet - Rev 2.0
01/2009
AWC6312R
Table 4: Electrical Specifications - CDMA Operation
(TC = +25 °C, VBATT = VCC = +3.4 V, VEN = +2.4 V, 50 Ω system, IS-95 uplink waveform)
Notes:
1. ACPRs and Efficiency Limits at 1882.5 MHz only.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Gain
25
12
27
13.5
29
16
dB
POUT = +28 dBm, VMODE1 = 0 V
POUT = +16 dBm, VMODE1 = +2.4 V
Adjacent Channel Power
at +1.25 MHz offset
Primary Channel BW = 1.23 MHz
Adjacent Channel BW = 30 kHz
-
-
-50
-55
-46.5
-47
dBc
POUT = +28 dBm, VMODE1 = 0 V
POUT = +16 dBm, VMODE1 = +2.4 V
Adjacent Channel Power
at + 1.98 MHz offset
Primary Channel BW = 1.23 MHz
Adjacent Channel BW = 30 kHz
-
-
-58
-59
-54
-54
dBc
POUT = +28 dBm, VMODE1 = 0 V
POUT = +16 dBm, VMODE1 = +2.4 V
Alternate Channel Power
at +2.25 MHz offset
Primary Channel BW = 1.23 MHz
Adjacent Channel BW = 30 kHz
-
-
-61
-62
-57
-57
dBc
POUT = +28 dBm, VMODE1 = 0 V
POUT = +16 dBm, VMODE1 = +2.4 V
Power-Added Efficiency
37
20
40
23
-
-
%
POUT = +28 dBm, VMODE1 = 0 V
POUT = +16 dBm, VMODE1 = +2.4 V
Quiescent Current (Icq)
-
8
13
mA
through VCC pin, VMODE1 = +2.4 V
Enable Current
-
0.3
0.8
mA
through VEN pin, PA "on"
Mode Control Current
-
0.3
0.8
mA
through VMODE pin, VMODE1 = +2.4 V
Battery Current
-
2.5
5
mA
through VBATT pin, VMODE1 = +2.4 V
Leakage Current
-
<1
5
µA
VCC = +4.2 V, VEN = 0 V,
VMODE1 = 0 V
Noise in Receive Band
-
-
-
-135
-138
-142
-133
-135
-
dBm/Hz
dBm/Hz
dBm/Hz
1930 MHz to 1990 MHz, POUT <
28dBm
1930 MHz to 1990 MHz, POUT <
16 dBm
1575 + 1.023 MHz
Harmonics
2fo
3fo, 4fo
-
-
-41
-55
-30
-35
dBc
CW Measurement
VMODE1 = 0V
Input Impedance
-
-
2:1
VSWR
Spurious Output Level
(all spurious outputs)
-
-
-65
dBc
POUT < +28 dBm
In-band load VSWR < 5:1
Out-of-band load VSWR < 10:1
Applies over all operating ranges
Load mismatch stress with no
permanent degradation or failure
8:1
-
-
VSWR Applies over full operating range


Similar Part No. - AWC6312RM9Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6323RM47P9 ANADIGICS-AWC6323RM47P9 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6323RM47Q7 ANADIGICS-AWC6323RM47Q7 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6325 ANADIGICS-AWC6325 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6325P9 ANADIGICS-AWC6325P9 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
More results

Similar Description - AWC6312RM9Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6308R ANADIGICS-AWT6308R Datasheet
176Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6302R ANADIGICS-AWT6302R Datasheet
442Kb / 10P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6308R ANADIGICS-AWT6308R_08 Datasheet
406Kb / 8P
   HELP2TM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6332 ANADIGICS-AWT6332 Datasheet
429Kb / 8P
   ZeroICTM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6134 ANADIGICS-AWT6134 Datasheet
277Kb / 12P
   KPCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6114 ANADIGICS-AWT6114 Datasheet
125Kb / 8P
   KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6309 ANADIGICS-AWT6309 Datasheet
456Kb / 8P
   HELP2TM AWS/KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com