Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWC6312RM9Q7 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWC6312RM9Q7
Description  HELP3TM PCS CDMA 3.4V/28dBm Linear Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWC6312RM9Q7 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWC6312RM9Q7 Datasheet HTML 1Page - ANADIGICS, Inc AWC6312RM9Q7 Datasheet HTML 2Page - ANADIGICS, Inc AWC6312RM9Q7 Datasheet HTML 3Page - ANADIGICS, Inc AWC6312RM9Q7 Datasheet HTML 4Page - ANADIGICS, Inc AWC6312RM9Q7 Datasheet HTML 5Page - ANADIGICS, Inc AWC6312RM9Q7 Datasheet HTML 6Page - ANADIGICS, Inc AWC6312RM9Q7 Datasheet HTML 7Page - ANADIGICS, Inc AWC6312RM9Q7 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet - Rev 2.0
01/2009
AWC6312R
3
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage.
Functional operation is not implied under these conditions. Exposure
to absolute ratings for extended periods of time may adversely affect
reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed only
over the conditions defined in the electrical specifications.
Notes:
(1) For operation at Vcc = +3.2 V, Pout is derated by 0.5 dB.
PARAMETER
MIN
MAX
UNIT
Supply Voltage (VCC and VBATT)
0
+5
V
Mode Control Voltage (VMODE)
0
+3.5
V
Enable Voltage (VEN)
0
+3.5
V
RF Input Power (PIN)
-
+10
dBm
Storage Temperature (TSTG)
-40
+150
°C
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Operating Frequency (f)
1850
-
1915
MHz
Supply Voltage (VCC and VBATT)
+3.2
+3.4
+4.2
V
POUT < 28.0 dBm
Enable Voltage (VEN)
+2.2
0
+2.4
-
+3.1
+0.5
V
PA "on"
PA "shut down"
Mode Control Voltage (VMODE)
+2.2
0
+2.4
-
+3.1
+0.5
V
Low Bias Mode
High Bias Mode
RF Output Power (POUT)
27.5 (1) +28.0
-
dBm
Case Temperature (TC)
-30
-
+85
°C


Similar Part No. - AWC6312RM9Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6323RM47P9 ANADIGICS-AWC6323RM47P9 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6323RM47Q7 ANADIGICS-AWC6323RM47Q7 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6325 ANADIGICS-AWC6325 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6325P9 ANADIGICS-AWC6325P9 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
More results

Similar Description - AWC6312RM9Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6308R ANADIGICS-AWT6308R Datasheet
176Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6302R ANADIGICS-AWT6302R Datasheet
442Kb / 10P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6308R ANADIGICS-AWT6308R_08 Datasheet
406Kb / 8P
   HELP2TM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6332 ANADIGICS-AWT6332 Datasheet
429Kb / 8P
   ZeroICTM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6134 ANADIGICS-AWT6134 Datasheet
277Kb / 12P
   KPCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6114 ANADIGICS-AWT6114 Datasheet
125Kb / 8P
   KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6309 ANADIGICS-AWT6309 Datasheet
456Kb / 8P
   HELP2TM AWS/KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com