Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88236LMG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY88236LMG
Description  2.5Gbps Burst Mode Laser Driver with Integrated Limiting Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88236LMG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY88236LMG Datasheet HTML 1Page - Micrel Semiconductor SY88236LMG Datasheet HTML 2Page - Micrel Semiconductor SY88236LMG Datasheet HTML 3Page - Micrel Semiconductor SY88236LMG Datasheet HTML 4Page - Micrel Semiconductor SY88236LMG Datasheet HTML 5Page - Micrel Semiconductor SY88236LMG Datasheet HTML 6Page - Micrel Semiconductor SY88236LMG Datasheet HTML 7Page - Micrel Semiconductor SY88236LMG Datasheet HTML 8Page - Micrel Semiconductor SY88236LMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SY88236L/AL
2.5Gbps Burst Mode Laser Driver with
Integrated Limiting Amplifier
MLF and MicroLeadFrame are registered trademarks of Amkor Technology
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
June 2009
M9999-063009-A
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY88236L is a single supply 3.3V integrated burst
mode laser driver and post amplifier for A-PON, B-PON,
EPON, GE-PON, and G-PON applications with data rates
from 155Mbps up to 2.5Gbps. The driver can deliver
modulation current up to 85mA, and provides a high
compliance voltage that makes it suitable for high-current
operation with the laser DC-coupled to it. The post
amplifier can detect signals with amplitude as low as
5mVPP.
The SY88236AL is a version of the SY88236L without 50Ω
termination resistors at the inputs of the driver and the post
amplifier. The SY88236AL is to be used specially in SFF
modules mounted on ONU mother boards which have
preinstalled terminations. Removing post amplifier input
terminations will allow for receiver gain control.
All support documentation can be found on Micrel’s web
site at: www.micrel.com.
Features
∑ 2.4V minimum laser compliance voltage
∑ Operation up to 2.5Gbps
∑ Fast burst mode enable/disable delay
∑ Modulation current up to 85mA
∑ Bias current up to 70mA
∑ Infinite bias current hold time between bursts
∑ Bias, Modulation, and power monitoring
∑ High input sensitivity post amplifier, 5mVPP
∑ Programmable LOS level
∑ Available in 32-pin (5mm x 5mm) MLF
® package
Applications
∑ Multi-rate burst mode applications: A-PON, B-PON,
G-PON, E-PON, GE-PON
___________________________________________________________________________________________________________
Typical Application


Similar Part No. - SY88236LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88236LMG MICREL-SY88236LMG Datasheet
858Kb / 19P
   2.5Gbps Burst Mode Laser Driver with
SY88236LMGTR MICREL-SY88236LMGTR Datasheet
858Kb / 19P
   2.5Gbps Burst Mode Laser Driver with
More results

Similar Description - SY88236LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88232L MICREL-SY88232L Datasheet
879Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier
SY88349NDL MICREL-SY88349NDL Datasheet
433Kb / 13P
   2.5Gbps Burst-Mode Limiting Amplifier
logo
Maxim Integrated Produc...
MAX3710 MAXIM-MAX3710 Datasheet
3Mb / 58P
   125Mbps to 2.5Gbps Integrated Limiting Amplifier/Burst Mode Laser Driver with Dual-Loop Power Control
Rev 0; 8/11
logo
M/A-COM Technology Solu...
02090-BRF-001-A MA-COM-02090-BRF-001-A Datasheet
493Kb / 2P
   3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier with
logo
Micrel Semiconductor
SY88236L MICREL-SY88236L_10 Datasheet
858Kb / 19P
   2.5Gbps Burst Mode Laser Driver with
logo
Taiwan Memory Technolog...
I7520N TMT-I7520N Datasheet
20Kb / 1P
   2.5Gbps Burst Mode Laser Driver & Post Amplifier
logo
M/A-COM Technology Solu...
M02090 MA-COM-M02090 Datasheet
493Kb / 2P
   3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
SY88216L MICREL-SY88216L_10 Datasheet
629Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_14 Datasheet
372Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 4; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com