Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4223YMME Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4223YMME
Description  Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4223YMME Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4223YMME Datasheet HTML 1Page - Micrel Semiconductor MIC4223YMME Datasheet HTML 2Page - Micrel Semiconductor MIC4223YMME Datasheet HTML 3Page - Micrel Semiconductor MIC4223YMME Datasheet HTML 4Page - Micrel Semiconductor MIC4223YMME Datasheet HTML 5Page - Micrel Semiconductor MIC4223YMME Datasheet HTML 6Page - Micrel Semiconductor MIC4223YMME Datasheet HTML 7Page - Micrel Semiconductor MIC4223YMME Datasheet HTML 8Page - Micrel Semiconductor MIC4223YMME Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MIC4223/MIC4224/MIC4225
Dual 4A, 4.5V to 18V, 15ns Switch Time,
Low-Side MOSFET Drivers with Enable
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
June 2009
M9999-061109-A
(408) 944-0800
General Description
The MIC4223/MIC4224/MIC4225 are a family of a dual 4A,
High-Speed, Low-side MOSFET drivers with logic-level
driver enables. The devices are fabricated on Micrel’s
Bipolar/CMOS/DMOS (BCD) process and operate from a
4.5V to 18V supply voltage. The devices parallel Bipolar
and CMOS output stage architecture provides high-current
throughout the MOSFETs Miller Region allowing the driver
to sink and source 4A of peak current from a 12V supply
and quickly charge and discharge a 2000pF load
capacitance in under 15ns, while allowing the outputs to
swing within 0.3V of VDD and 0.16V of ground.
The MIC4223/MIC4224/MIC4225 driver and enable inputs
feature TTL and CMOS logic-level thresholds which are
independent of supply voltage. Each driver features a
dedicated active-high enable input which is internally
pulled high to VDD through 100kΩ, allowing the pins to be
left unconnected if it is not required to disable the driver
outputs. The driver inputs have been designed to protect
against ground bounce and are protected to withstand -5V
of voltage swing at -40mA. Driver outputs are also
protected to withstand 500mA of reverse current.
The MIC4223/MIC4224/MIC4225 are available in three
configurations using industry standard pin out; dual
inverting (MIC4223), dual non-inverting (MIC4224) and
complimentary (MIC4225). They are available in 8-pin
SOIC and thermally enhanced e-PAD 8-pin MSOP and
support operating junction temperatures from -40°C to
+125°C.
Applications
• High-Efficiency MOSFET switching
• Switch mode power supplies
• DC-to-DC converters
• Motor and solenoid drivers
• Clock and line drivers
• Synchronous rectifiers
• Pulse transformer drive
• Class D switching amplifiers
Features
• 4.5V to 18V supply voltage operating range
• High peak source/sink current
– ±3A at VDD = 8V
– ±4A at VDD = 12V
• 15ns/15ns Rise and Fall times with 2000pF load
• 25ns/35ns (Rising/Falling) input propagation delay
• 20ns/45ns (Rising/Falling) enable propagation delay
• Active-high driver enable inputs with 100kΩ pull-ups
• CMOS and TTL logic input and enable thresholds
independent of supply voltage
• Driver input protection to -5V at -40mA
• Output Latch-up protection to >500mA reverse current
• Industry standard pin out with two package options
– ePAD MSOP-8 (
θ
JA = 60°C/W)
– 8-pin SOIC (
θ
JA = 120°C/W)
• Available in dual-inverting (MIC4223), dual non-
inverting (MIC4224) and complementary (MIC4225)
• Dual output drive by paralleling channels
• -40°C to +125°C operating junction temperature range
Block Diagram


Similar Part No. - MIC4223YMME

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4223YMME MIC-MIC4223YMME Datasheet
515Kb / 20P
   Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
More results

Similar Description - MIC4223YMME

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4223 MIC-MIC4223_11 Datasheet
515Kb / 20P
   Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
logo
Micrel Semiconductor
MIC4414 MICREL-MIC4414 Datasheet
426Kb / 14P
   1.5A, 4.5V to 18V Low-Side MOSFET Driver
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com