Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2826 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2826
Description  Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2826 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2826 Datasheet HTML 4Page - Micrel Semiconductor MIC2826 Datasheet HTML 5Page - Micrel Semiconductor MIC2826 Datasheet HTML 6Page - Micrel Semiconductor MIC2826 Datasheet HTML 7Page - Micrel Semiconductor MIC2826 Datasheet HTML 8Page - Micrel Semiconductor MIC2826 Datasheet HTML 9Page - Micrel Semiconductor MIC2826 Datasheet HTML 10Page - Micrel Semiconductor MIC2826 Datasheet HTML 11Page - Micrel Semiconductor MIC2826 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Micrel, Inc.
MIC2826
July 2009
8
M9999-071609-A
Typical Characteristics (continued)
LDO Current Limit
vs. Temperature
350
360
370
380
390
400
410
420
430
440
450
-40
-20
0
20
40
60
80
100 120
TEM PERATURE (°C)
LDO Ground Current
v s. Temperature
35
37
39
41
43
45
47
49
51
53
55
-40 -20
0
20406080 100 120
T EMPERAT URE (°C)
LDO Ground Current
vs. Input Voltage
0
20
40
60
80
100
120
2.73.1
3.53.9
4.34.7
5.15.5
INPUT VOLTAGE (V)
LDO Ground Current
v s. Load Current
48.0
48.4
48.8
49.2
49.6
50.0
50.4
50.8
51.2
51.6
0
25
50
75
100
125
150
LOAD CURRENT (mA)
DC-DC Efficiency VOUT=1.0V
50
55
60
65
70
75
80
85
90
1
10
100
1000
LOAD CURRENT (mA)
DC-DC Efficiency VOUT=1.2V
50
55
60
65
70
75
80
85
90
1
10
100
1000
LOAD CURRENT (mA)
DC-DC Efficiency VOUT=1.5V
50
55
60
65
70
75
80
85
90
1
10
100
1000
LOAD CURRENT (mA)
DC-DC Efficiency VOUT=1.8V
40
50
60
70
80
90
100
1
10
100
1000
LOAD CURRENT (mA)
DC-DC Switching Frequency
v s. Load Current
0.01
0.1
1
10
1
10
100
1000
LOAD CURRENT (mA)
DC-DC Switching Frequency
v s. Load Current
0.01
0.1
1
10
1
10
100
1000
LOAD CURRENT (mA)
DC-DC Switching Frequency
v s. Temperature
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
-40
-20
0
20
40
60
80
100 120
T EMPERAT URE (°C)
DC-DC Switching Frequency
v s. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLT AGE (V)
VOUT = 1.8V
L = 1µH
C= 4.7µF
Load = 120mA
DVIN = 3.6V
VOUT = 1.8V
L = 1µH
C= 4.7µF
Load = 120mA
L=4.7µH
L=1µH
L=2.2µH
VIN=4.2V
VIN=3.6V
VIN=3.0V
VIN=4.2V
VIN=3.6V
VIN=2.7V
VIN=4.2V
VIN=3.6V
VIN=2.7V
VIN=4.2V
VIN=3.6V
VIN=2.7V
VIN=4.2V
VIN=3.6V
VIN=2.7V
DVIN = VIN = 3.6V
VOUT = 1.2V
COUT = 1µF
VOUT = 1.2V
COUT = 1µF
Load = 100µA
1 LDO
2 LDOs
3 LDOs
DVIN = VIN = 3.6V
VOUT = 1.2V
COUT = 1µF
Load = 150mA
DVIN = VIN = 3.6V
L = 1µH
C = 4.7µF
L = 1µH
C = 4.7µF
L = 1µH
C = 4.7µF
L = 1µH
C = 4.7µF
VOUT = 1.8V
L = 1µH
DVIN = 3.6V
VOUT = 1.8V


Similar Part No. - MIC2826

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2821-4GJLYML MICREL-MIC2821-4GJLYML Datasheet
465Kb / 17P
   Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
MIC2821-4GMSYML MICREL-MIC2821-4GMSYML Datasheet
465Kb / 17P
   Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
   Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
MIC2829 MICREL-MIC2829 Datasheet
3Mb / 52P
   3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
MIC2829-A0YAL MICREL-MIC2829-A0YAL Datasheet
3Mb / 52P
   3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
More results

Similar Description - MIC2826

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
   Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
logo
ams AG
AS3709 AMSCO-AS3709 Datasheet
930Kb / 74P
   關PMIC with 5 DCDC and 2 LDOs
logo
ON Semiconductor
NCP6914 ONSEMI-NCP6914 Datasheet
848Kb / 36P
   5 Channel PMIC: 1 DCDC Converter and 4 LDOs
April, 2014 ??Rev. 10
logo
Renesas Technology Corp
ISL91212A RENESAS-ISL91212A Datasheet
2Mb / 52P
   Triple/Quad Output PMIC with I2C Interface
Feb 20, 2020
SLG51001 RENESAS-SLG51001 Datasheet
767Kb / 25P
   PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
10-May-2022
logo
Texas Instruments
TPS22993 TI1-TPS22993_16 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Channel Load Switch with GPIO and I2C Control
logo
Renesas Technology Corp
SLG51002 RENESAS-SLG51002 Datasheet
748Kb / 36P
   PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
12-Sep-2022
logo
Micrel Semiconductor
MIC7400 MICREL-MIC7400_15 Datasheet
5Mb / 68P
   Configurable PMIC, Five-Channel Buck Regulator Plus One-Boost with HyperLight Load짰 and I2C Control
logo
Renesas Technology Corp
SLG51000 RENESAS-SLG51000 Datasheet
1Mb / 25P
   PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
10-May-2022
logo
Texas Instruments
TPS22993 TI1-TPS22993 Datasheet
624Kb / 6P
[Old version datasheet]   Quad Channel Load Switch with GPIO and I2C Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com