Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2164YMM Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2164YMM
Description  Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2164YMM Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2164YMM Datasheet HTML 6Page - Micrel Semiconductor MIC2164YMM Datasheet HTML 7Page - Micrel Semiconductor MIC2164YMM Datasheet HTML 8Page - Micrel Semiconductor MIC2164YMM Datasheet HTML 9Page - Micrel Semiconductor MIC2164YMM Datasheet HTML 10Page - Micrel Semiconductor MIC2164YMM Datasheet HTML 11Page - Micrel Semiconductor MIC2164YMM Datasheet HTML 12Page - Micrel Semiconductor MIC2164YMM Datasheet HTML 13Page - Micrel Semiconductor MIC2164YMM Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Micrel, Inc.
MIC2164/-2/-3
September 2009
10
M9999-090409-B
Functional Characteristics
(continue)


Similar Part No. - MIC2164YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2164YMM MICREL-MIC2164YMM Datasheet
1Mb / 39P
   Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
More results

Similar Description - MIC2164YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2164 MICREL-MIC2164_10 Datasheet
1Mb / 39P
   Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
MIC2101 MICREL-MIC2101 Datasheet
1Mb / 37P
   38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2125 MICROCHIP-MIC2125 Datasheet
1Mb / 34P
   28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
logo
Micrel Semiconductor
MIC2103 MICREL-MIC2103_13 Datasheet
1Mb / 38P
   75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101_13 Datasheet
1Mb / 36P
   38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2103 MICREL-MIC2103 Datasheet
1Mb / 36P
   75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2103 MICROCHIP-MIC2103 Datasheet
1Mb / 42P
   75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
10/25/17
logo
Micrel Semiconductor
MIC2176-1 MICREL-MIC2176-1 Datasheet
1Mb / 31P
   Wide Input Voltage, Synchronous Buck Controllers Featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2127A MICROCHIP-MIC2127A Datasheet
827Kb / 38P
   75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174_10 Datasheet
706Kb / 27P
   Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com